Electronic Components Datasheet Search
  English  ▼

X  

SLTS115 Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS115
Description  Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS115 Datasheet(HTML) 2 Page - Texas Instruments

  SLTS115 Datasheet HTML 1Page - Texas Instruments SLTS115 Datasheet HTML 2Page - Texas Instruments SLTS115 Datasheet HTML 3Page - Texas Instruments SLTS115 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TYPICAL
CHARACTERISTICS
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT7778—3.3V
32 Amp Programmable Integrated
Switching Regulator
Ordering Information
PT7778t
t
t
t
t = 1.3 to 3.5 Volts
Programming Information
VID3 VID2 VID1 VID0
Vout
1
1
1
1
1.30V
1
1
1
0
1.35V
1
1
0
1
1.40V
1
1
0
0
1.45V
1
0
1
1
1.50V
1
0
1
0
1.55V
1
0
0
1
1.60V
1
0
0
0
1.65V
0
1
1
1
1.70V
0
1
1
0
1.75V
0
1
0
1
1.80V
0
1
0
0
1.85V
0
0
1
1
1.90V
0
0
1
0
1.95V
0
0
0
1
2.00V
0
0
0
0
2.05V
Logic 0 = Pin 12 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 may not be changed while the unit is operating.
For dimensions and PC board layout, see
Package Style 1020 and 1030
• +3.3V Input
• 32A Output
(64A with PT7740 Booster)
• 4-bit Programmable:
1.3V to 2.05V
• High Efficiency
• Short Circuit Protection
• Differential Remote Sense
• 27-pin SIP Package
Features
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
Power Dissipation Vs Output Current
Performance Characteristics, Vin =3.3V (See Note A)
Efficiency Vs Output Current
PT7778, VIN =3.3V, VO =1.8V
Output Ripple Vs Output Current
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
0
4
8
12
16
20
24
28
32
Iout (A)
1.8V
1.5V
VOUT
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0
4
8
12
16
20
24
28
32
Iout (A)
1.5V
1.8V
VOUT
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
0
4
8
12
162024
2832
Iout (A)
1.8V
1.5V
VOUT
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
4.0
8.0
12.0
16.0
20.0
24.0
28.0
32.0
Iout (A)
400LFM
200LFM
120LFM
Nat conv
Airflow
Safe Operating Area Curves (See Note B)
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the regulator.
Note B:
Safe Operating Area curves represent conditions at which internal components are at or beow manufacturer’s rated operating temperatures.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com