Electronic Components Datasheet Search
  English  ▼

X  

EK32 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # EK32
Description  32 Port Industrial Ethernet Switchsolutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EK32 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  EK32 Datasheet HTML 1Page - Red Lion Controls. Inc EK32 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EK32/EF32 Industrial Ethernet Switch Specifications
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0160 102413 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
solutions for your industrial networking challenges
www.sixnet.com
Sixnet Technology Park
331 Ushers Road • Ballston Lake, NY 12019 • USA
518.877.5173 • Fax 518.877.8346 • sales@sixnet.com
Datasheet ek32/ef32
Rev2: 02-Feb-2010
ek32/ef32
32 PORT INDUSTRIAL ETHERNET RACK SWITCH SPECIFICATIONS
ETHERNET PERFORmANCE
n
32 ethernet ports with up to 6 Gigabit
n
Managed, store & forward, wire-speed
n
All IEEE 802.3 Ethernet protocols supported
n
RJ45 port speed auto-negotiation
n
RJ45 MDI/MDIX auto-crossover
n
RJ45 TD and RD auto-polarity
n
Typical latency (varies on load & settings)
p
@ 100 Mbps: 5 us + frame time
n
Full or half duplex operation configurable per port
n
MAC addresses supported 8192
n
Memory bandwidth 32 Gbps
n
Ethernet isolation 1500 VRMS 1 minute
n
Console ports – USB and RS232 (RJ45)
ETHERNET PORTS
n
Port Group 1
p
16 ports of 10/100 RJ45
n
Port Group 2
p
2 bonus 10/100 RJ45 ports
n
Port Group 3
p
EK model: 4 combination GE ports for copper or fiber links
p
EF model: 4 combination FE ports for copper or fiber links
n
Port Group 4:
p
EK model: 2 Gigabit 10/100/1000 RJ45 ports
p
EF model: 2 fast Ethernet 10/100 RJ45 ports
n
Port Group 5
p
8 fast Ethernet 10/100 RJ45
ETHERNET COmPLIANCE
n
IEEE 802.3z (Gigabit 1000 Mbps Ethernet connections)
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.3x (Full-Duplex with Flow Control)
n
IEEE 802.1D/w (Rapid Spanning Tree for redundant rings
and Spanning Tree for interoperability)
n
IEEE 802.1p (Priority Queuing – QoS, CoS, ToS/DS)
n
IEEE 802.1Q (VLAN for traffic segregation)
n
And more
REAL-TImE-RINg™
n
Link loss recovery: 30 mS plus 5 mS per hop
n
Switches in a ring: <50 for best performance
n
Multiple rings supported
“OK” ALARm OUTPUT
n
Indicates power & operational status
n
Max. ratings
p
250 VAC or 220 VDC
p
2 A @ 30 VDC or 0.25 A @ 250 VAC
n
Minimum load 10 mVDC, 10 μA
All specifications are subject to change. Consult factory for latest info.
POWER INPUT
n
Input voltage standard options
p
18-36 VDC (24 VDC nominal)
p
36-75 VDC (+/-48 VDC nominal)
p
90-264 VAC (110/220 VAC nominal)
p
130-370 VDC (250 VDC nominal)
n
Power options
p
Dual inputs or redundant supplies
n
Input power consumption 35 W maximum
ENVIRONmENTAL
n
Operating temperature range:
n
T option (fan cooled): -40 to +85 °C (no derating) (cold startup
at -40 °C)
n
S option (sealed IP50): -40 to +85 °C w/all ports linked at 10/100
or derate
p
to +75 °C with 2 Gigabit links
p
to +70 °C with 4 Gigabit links
p
to +65 °C with 6 Gigabit links
n
Storage temperature range -40 to +85 °C
n
Humidity (non-condensing) 5 to 95% RH
(optional conformal coating is available)
STANDARDS COmPLIANCE (PENDINg)
n
Electrical safety – EN61010-1, CE
n
EMC – FCC part 15, ICES-003; EN61000-6-4, -2, CE
n
RoHS and WEEE compliant
n
ISO9001:2000 certified company
PHYSICAL
n
Mounting – 19” to 24” racks, EIA/WECO/ETSI supported
n
Case – corrosion-resistant heavy-gauge aluminum
n
Egress protection IP50 with S option or IP30 with T option
n
Weight (typical) 5.5 lbs (2.5 kg) – varies slightly by model
n
Dimensions – 1.75 x 17.3 x 12” (44.5 x 439.4 x 305.0 mm)
1
2
3
4
5
ACCESSORIES
ek1-Brckt-19
Set (2) of 1U 19” brackets (one set included)
ek1-Brckt-23
Set (2) of 1U 23” EIA/WECO
ek1-Brckt-2324 Set (2) of 1U 23/24” EIA/WECO
ek1-Brckt-etsi Set (2) of 1U 536 mm ETSI brackets
ek1-Brckt-wall Set (2) of wall brackets
rJ45-Plug-16
Dust plugs for unused RJ45 port (16 pieces)
ek-ccoat-1
Conformal coating – contact Sixnet for details
gmfiBer-sfP-500 Gigabit SFP fiber transceiver, mm, 550 m
gmfiBer-sfP-2k Gigabit SFP fiber transceiver, mm, 2 km
gsfiBer-sfP-10k Gigabit SFP fiber transceiver, sm, 10 km
gsfiBer-sfP-30k Gigabit SFP fiber transceiver, sm, 30 km
gsfiBer-sfP-50k Gigabit SFP fiber transceiver, sm, 50 km
gsfiBer-sfP-80k Gigabit SFP fiber transceiver, sm, 80 km
fmfiBer-sfP-4k 100Mb SFP fiber transceiver, mm, 4 km
fsfiBer-sfP-30k 100Mb SFP fiber transceiver, sm, 30 km
fsfiBer-sfP-60k 100Mb SFP fiber transceiver, sm, 60 km
fsfiBer-sfP-100 100Mb SFP fiber transceiver, sm, 100 km
(Contact Sixnet for other fiber distances or special application
fiber optic transceivers.)
solutions for your industrial networking challenges
www.sixnet.com
Sixnet Technology Park
331 Ushers Road • Ballston Lake, NY 12019 • USA
518.877.5173 • Fax 518.877.8346 • sales@sixnet.com
Datasheet ek32/ef32
Rev2: 02-Feb-2010
ek32/ef32
32 PORT INDUSTRIAL ETHERNET RACK SWITCH SPECIFICATIONS
ETHERNET PERFORmANCE
n
32 ethernet ports with up to 6 Gigabit
n
Managed, store & forward, wire-speed
n
All IEEE 802.3 Ethernet protocols supported
n
RJ45 port speed auto-negotiation
n
RJ45 MDI/MDIX auto-crossover
n
RJ45 TD and RD auto-polarity
n
Typical latency (varies on load & settings)
p
@ 100 Mbps: 5 us + frame time
n
Full or half duplex operation configurable per port
n
MAC addresses supported 8192
n
Memory bandwidth 32 Gbps
n
Ethernet isolation 1500 VRMS 1 minute
n
Console ports – USB and RS232 (RJ45)
ETHERNET PORTS
n
Port Group 1
p
16 ports of 10/100 RJ45
n
Port Group 2
p
2 bonus 10/100 RJ45 ports
n
Port Group 3
p
EK model: 4 combination GE ports for copper or fiber links
p
EF model: 4 combination FE ports for copper or fiber links
n
Port Group 4:
p
EK model: 2 Gigabit 10/100/1000 RJ45 ports
p
EF model: 2 fast Ethernet 10/100 RJ45 ports
n
Port Group 5
p
8 fast Ethernet 10/100 RJ45
ETHERNET COmPLIANCE
n
IEEE 802.3z (Gigabit 1000 Mbps Ethernet connections)
n
IEEE 802.3u (Fast Ethernet 100Mbps for newer devices)
n
IEEE 802.3 (10Mbps Ethernet supports legacy devices)
n
IEEE 802.3x (Full-Duplex with Flow Control)
n
IEEE 802.1D/w (Rapid Spanning Tree for redundant rings
and Spanning Tree for interoperability)
n
IEEE 802.1p (Priority Queuing – QoS, CoS, ToS/DS)
n
IEEE 802.1Q (VLAN for traffic segregation)
n
And more
REAL-TImE-RINg™
n
Link loss recovery: 30 mS plus 5 mS per hop
n
Switches in a ring: <50 for best performance
n
Multiple rings supported
“OK” ALARm OUTPUT
n
Indicates power & operational status
n
Max. ratings
p
250 VAC or 220 VDC
p
2 A @ 30 VDC or 0.25 A @ 250 VAC
n
Minimum load 10 mVDC, 10 μA
All specifications are subject to change. Consult factory for latest info.
POWER INPUT
n
Input voltage standard options
p
18-36 VDC (24 VDC nominal)
p
36-75 VDC (+/-48 VDC nominal)
p
90-264 VAC (110/220 VAC nominal)
p
130-370 VDC (250 VDC nominal)
n
Power options
p
Dual inputs or redundant supplies
n
Input power consumption 35 W maximum
ENVIRONmENTAL
n
Operating temperature range:
n
T option (fan cooled): -40 to +85 °C (no derating) (cold startup
at -40 °C)
n
S option (sealed IP50): -40 to +85 °C w/all ports linked at 10/100
or derate
p
to +75 °C with 2 Gigabit links
p
to +70 °C with 4 Gigabit links
p
to +65 °C with 6 Gigabit links
n
Storage temperature range -40 to +85 °C
n
Humidity (non-condensing) 5 to 95% RH
(optional conformal coating is available)
STANDARDS COmPLIANCE (PENDINg)
n
Electrical safety – EN61010-1, CE
n
EMC – FCC part 15, ICES-003; EN61000-6-4, -2, CE
n
RoHS and WEEE compliant
n
ISO9001:2000 certified company
PHYSICAL
n
Mounting – 19” to 24” racks, EIA/WECO/ETSI supported
n
Case – corrosion-resistant heavy-gauge aluminum
n
Egress protection IP50 with S option or IP30 with T option
n
Weight (typical) 5.5 lbs (2.5 kg) – varies slightly by model
n
Dimensions – 1.75 x 17.3 x 12” (44.5 x 439.4 x 305.0 mm)
1
2
3
4
5
ACCESSORIES
ek1-Brckt-19
Set (2) of 1U 19” brackets (one set included)
ek1-Brckt-23
Set (2) of 1U 23” EIA/WECO
ek1-Brckt-2324 Set (2) of 1U 23/24” EIA/WECO
ek1-Brckt-etsi Set (2) of 1U 536 mm ETSI brackets
ek1-Brckt-wall Set (2) of wall brackets
rJ45-Plug-16
Dust plugs for unused RJ45 port (16 pieces)
ek-ccoat-1
Conformal coating – contact Sixnet for details
gmfiBer-sfP-500 Gigabit SFP fiber transceiver, mm, 550 m
gmfiBer-sfP-2k Gigabit SFP fiber transceiver, mm, 2 km
gsfiBer-sfP-10k Gigabit SFP fiber transceiver, sm, 10 km
gsfiBer-sfP-30k Gigabit SFP fiber transceiver, sm, 30 km
gsfiBer-sfP-50k Gigabit SFP fiber transceiver, sm, 50 km
gsfiBer-sfP-80k Gigabit SFP fiber transceiver, sm, 80 km
fmfiBer-sfP-4k 100Mb SFP fiber transceiver, mm, 4 km
fsfiBer-sfP-30k 100Mb SFP fiber transceiver, sm, 30 km
fsfiBer-sfP-60k 100Mb SFP fiber transceiver, sm, 60 km
fsfiBer-sfP-100 100Mb SFP fiber transceiver, sm, 100 km
(Contact Sixnet for other fiber distances or special application
fiber optic transceivers.)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com