Electronic Components Datasheet Search
  English  ▼

X  

EF32 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # EF32
Description  32 Port Industrial Ethernet Switchsolutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EF32 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  EF32 Datasheet HTML 1Page - Red Lion Controls. Inc EF32 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EK32/EF32 Industrial Ethernet Switch
Sixnet Networking Series
32 Port Industrial Ethernet Switch
solutions for your industrial networking challenges
www.sixnet.com
32 PORT INDUSTRIAL ETHERNET RACK SWITCH
ek32/ef32
PRODUCT DATASHeeT
The Sixnet ek32 is an industrial ethernet switch offering 32 total ethernet ports including up to 6 super fast Gigabit ports and up to
4 noise-immune fiber optic ports. Its rugged and compact 1U case fits into standard EIA, WECO and ETSI racks from 19” to 24”.
ORDERINg gUIDE
n
EK/EF32 PART NUmbER = Ea32bcddd-1
p
a = Model Options
◘
k = 26 fast ethernet (fe) and 6 Gigibit (Ge) ports
◘
f = 32 fast ethernet (fe) ports (no Gigabit)
p
b = Style Options
◘
F = front style; Ethernet in front; power & console in back
p
c = Case / Cooling Options
◘
S = sealed IP50 (no fans) (see derating)
◘
T = fan cooled IP30 (no derating)
p
ddd = Power Options
◘
D6N = dual inputs for +/-24/48/60 VDC
(+/-18-75 VDC)
◘
A0N = single input for VAC/VDC
(90-264 VAC or 130-370 VDC)
◘
AAN = dual VAC/VDC with redundant internal supplies
PRODUCT HIgHLIgHTS
n
32 total ethernet ports including
p
Up to 6 Gigabit ports including 4 combination ports
p
Up to 4 fiber optic ports for noise-immune links
n
Designed to meet industrial standards
REAL-TImE SECURE PERFORmANCE
n
Real-Time-Ring™ or Rapid Spanning Tree (RSTP) for
fast redundant ring or mesh networks
n
SNMPv1 and v2 network management
n
SNMPv3 authentication & encryption for security
n
SNMP notifications (traps) for report on event
n
Priority Queuing (QoS/CoS) for real-time operation
n
IGMP for Multicast filtering (snooping & querying)
n
VLAN for convenient traffic segregation
n
Broadcast & multicast storm protection
n
RMON & port mirroring for advanced diagnostics
n
Security with HTTPS, SSL, SSH, SNMPv3 & more
n
Easy configuration via Web, Telnet or CLI
n
Free field-installable firmware upgrades forever
RUggED & RELIAbLE HARDWARE
n
Space efficient 1U rack-mount design
n
Redundant AC and DC power options
n
Relay output contact to signal alarms
n
RS232 and USB console ports for local management
n
Rugged corrosion-resistant aluminum enclosure
n
Wide temperature -40 to +85 °C operation
n
Sealed IP50 option protects against ingress
ek32fsd6n-1 with dual 24 VDC inputs and sealed IP50 (no fans!)
PART NUmbER ExAmPLE:
For accessories see next page.
solutions for your industrial networking challenges
www.sixnet.com
32 PORT INDUSTRIAL ETHERNET RACK SWITCH
ek32/ef32
PRODUCT DATASHeeT
The Sixnet ek32 is an industrial ethernet switch offering 32 total ethernet ports including up to 6 super fast Gigabit ports and up to
4 noise-immune fiber optic ports. Its rugged and compact 1U case fits into standard EIA, WECO and ETSI racks from 19” to 24”.
ORDERINg gUIDE
n
EK/EF32 PART NUmbER = Ea32bcddd-1
p
a = Model Options
◘
k = 26 fast ethernet (fe) and 6 Gigibit (Ge) ports
◘
f = 32 fast ethernet (fe) ports (no Gigabit)
p
b = Style Options
◘
F = front style; Ethernet in front; power & console in back
p
c = Case / Cooling Options
◘
S = sealed IP50 (no fans) (see derating)
◘
T = fan cooled IP30 (no derating)
p
ddd = Power Options
◘
D6N = dual inputs for +/-24/48/60 VDC
(+/-18-75 VDC)
◘
A0N = single input for VAC/VDC
(90-264 VAC or 130-370 VDC)
◘
AAN = dual VAC/VDC with redundant internal supplies
PRODUCT HIgHLIgHTS
n
32 total ethernet ports including
p
Up to 6 Gigabit ports including 4 combination ports
p
Up to 4 fiber optic ports for noise-immune links
n
Designed to meet industrial standards
REAL-TImE SECURE PERFORmANCE
n
Real-Time-Ring™ or Rapid Spanning Tree (RSTP) for
fast redundant ring or mesh networks
n
SNMPv1 and v2 network management
n
SNMPv3 authentication & encryption for security
n
SNMP notifications (traps) for report on event
n
Priority Queuing (QoS/CoS) for real-time operation
n
IGMP for Multicast filtering (snooping & querying)
n
VLAN for convenient traffic segregation
n
Broadcast & multicast storm protection
n
RMON & port mirroring for advanced diagnostics
n
Security with HTTPS, SSL, SSH, SNMPv3 & more
n
Easy configuration via Web, Telnet or CLI
n
Free field-installable firmware upgrades forever
RUggED & RELIAbLE HARDWARE
n
Space efficient 1U rack-mount design
n
Redundant AC and DC power options
n
Relay output contact to signal alarms
n
RS232 and USB console ports for local management
n
Rugged corrosion-resistant aluminum enclosure
n
Wide temperature -40 to +85 °C operation
n
Sealed IP50 option protects against ingress
ek32fsd6n-1 with dual 24 VDC inputs and sealed IP50 (no fans!)
PART NUmbER ExAmPLE:
For accessories see next page.
solutions for your industrial networking challenges
www.sixnet.com
32 PORT INDUSTRIAL ETHERNET RACK SWITCH
ek32/ef32
PRODUCT DATASHeeT
The Sixnet ek32 is an industrial ethernet switch offering 32 total ethernet ports including up to 6 super fast Gigabit ports and up to
4 noise-immune fiber optic ports. Its rugged and compact 1U case fits into standard EIA, WECO and ETSI racks from 19” to 24”.
ORDERINg gUIDE
n
EK/EF32 PART NUmbER = Ea32bcddd-1
p
a = Model Options
◘
k = 26 fast ethernet (fe) and 6 Gigibit (Ge) ports
◘
f = 32 fast ethernet (fe) ports (no Gigabit)
p
b = Style Options
◘
F = front style; Ethernet in front; power & console in back
p
c = Case / Cooling Options
◘
S = sealed IP50 (no fans) (see derating)
◘
T = fan cooled IP30 (no derating)
p
ddd = Power Options
◘
D6N = dual inputs for +/-24/48/60 VDC
(+/-18-75 VDC)
◘
A0N = single input for VAC/VDC
(90-264 VAC or 130-370 VDC)
◘
AAN = dual VAC/VDC with redundant internal supplies
PRODUCT HIgHLIgHTS
n
32 total ethernet ports including
p
Up to 6 Gigabit ports including 4 combination ports
p
Up to 4 fiber optic ports for noise-immune links
n
Designed to meet industrial standards
REAL-TImE SECURE PERFORmANCE
n
Real-Time-Ring™ or Rapid Spanning Tree (RSTP) for
fast redundant ring or mesh networks
n
SNMPv1 and v2 network management
n
SNMPv3 authentication & encryption for security
n
SNMP notifications (traps) for report on event
n
Priority Queuing (QoS/CoS) for real-time operation
n
IGMP for Multicast filtering (snooping & querying)
n
VLAN for convenient traffic segregation
n
Broadcast & multicast storm protection
n
RMON & port mirroring for advanced diagnostics
n
Security with HTTPS, SSL, SSH, SNMPv3 & more
n
Easy configuration via Web, Telnet or CLI
n
Free field-installable firmware upgrades forever
RUggED & RELIAbLE HARDWARE
n
Space efficient 1U rack-mount design
n
Redundant AC and DC power options
n
Relay output contact to signal alarms
n
RS232 and USB console ports for local management
n
Rugged corrosion-resistant aluminum enclosure
n
Wide temperature -40 to +85 °C operation
n
Sealed IP50 option protects against ingress
ek32fsd6n-1 with dual 24 VDC inputs and sealed IP50 (no fans!)
PART NUmbER ExAmPLE:
For accessories see next page.


Similar Part No. - EF32

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EF32-9-K-H-10P FERYSTER-EF32-9-K-H-10P Datasheet
205Kb / 1P
FERYSTER 짰 TRANSFORMERS
EF32-9-K-V-6P FERYSTER-EF32-9-K-V-6P Datasheet
317Kb / 1P
FERYSTER 짰 TRANSFORMERS
EF32-9-KH-10P FERYSTER-EF32-9-KH-10P Datasheet
205Kb / 1P
PHOSPHOR BRONZE
EF32-9-KH-12P-2S FERYSTER-EF32-9-KH-12P-2S Datasheet
363Kb / 1P
PHOSPHOR BRONZE
EF32-9-KV-6P FERYSTER-EF32-9-KV-6P Datasheet
317Kb / 1P
PHOSPHOR BRONZE
More results

Similar Description - EF32

ManufacturerPart #DatasheetDescription
logo
Level One
IFS-0501 LVL1-IFS-0501 Datasheet
903Kb / 5P
5-Port Industrial Fast Ethernet Switch
logo
Red Lion Controls. Inc
EK26 REDLION-EK26 Datasheet
797Kb / 2P
26 Port Industrial Ethernet Switchsolutions
ET-8MS-OEM REDLION-ET-8MS-OEM Datasheet
1Mb / 3P
8 Port OEM Industrial Ethernet Switchsolutions
ET-5MS-OEM REDLION-ET-5MS-OEM Datasheet
1Mb / 2P
OEM Industrial Ethernet Managed Switchsolutions
logo
Advantech Co., Ltd.
EKI-2525-I ADVANTECH-EKI-2525-I Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2528I-BE ADVANTECH-EKI-2528I-BE Datasheet
373Kb / 2P
8-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-1050 ORING-IES-1050 Datasheet
551Kb / 3P
Industrial 5-port Unmanaged Ethernet Switch
IES-1160 ORING-IES-1160 Datasheet
1Mb / 3P
Industrial 16-port unmanaged Ethernet switch
IES-1240 ORING-IES-1240 Datasheet
1Mb / 3P
Industrial 24-port unmanaged Ethernet switch
logo
Moxa Inc.
SDS-3008 MOXA-SDS-3008 Datasheet
746Kb / 4P
Industrial 8-port smart Ethernet switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com