Electronic Components Datasheet Search
  English  ▼

X  

E3_IO Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # E3_IO
Description  Rugged High-Density I/O Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

E3_IO Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  E3_IO Datasheet HTML 1Page - Red Lion Controls. Inc E3_IO Datasheet HTML 2Page - Red Lion Controls. Inc E3_IO Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ANALOG INPUTS*
Input Range: 4-20 mA, 0-10 VDC, RTD, thermocouple and 250 mV
Analog/Discrete Resolution: 16 bits (0.003%); 10 bits (1 ms fast option)
Input Impedance (Resistance): 100 ohms or 200 Kohms
Fuses: Self-resetting short circuit protection (4-20 mA inputs)
DMRR (Differential Mode): 66 db at 50/60 Hz
Update Time: 880 ms to 1 ms (configurable)
Temperature Accuracy: +/-0.5°C uncalibrated (typical)
RTD Type: 100 Ohm platinum
RTD Alpha: 0.00385 or 0.00392
RTD Connections: 2 or 3-wire
RTD Input Range: -200° to 850°C
ANALOG OUTPUTS*
Analog Output Range: 4-20 mA
Analog/Discrete Resolution: 16 bits (less than 1 uA)
Full Scale Accuracy: +/-0.02% (@20°C)
Span and Offset Temperature: +/- 50 ppm per °C
Load Resistance: 0-750 Ohms @ 24 VDC
Current Limiting Short Circuit Protection
RECOMMENDED WIRING CLEARANCE
Front: 2” (5.08 cm)
Top: 1” (2.54 cm)
ENVIRONMENTAL
Operating Temperature Range: -40° to +75°C
Storage Temperature: -40° to 85°C
Operating Humidity: 10% to 95% (Non Condensing)
Shock: IEC60068-2-6
Vibration: IEC60068-2-27
CERTIFICATION & COMPLIANCE
Hazardous Locations: ANSI/ISA 12.12.01-2013 Edition (Class I, Div. 2,
Groups A, B, C, and D), CSA C22.2/213;
Marine/Offshore: Rated per ABS, DNV and Lloyds
Electrical Safety: UL 508, CSA C22.2/142, EN/IEC61010-1, CE
EMI Emissions: FCC part 15, ICES-003, Class A,
EN-55022; EN6100-6-4, CE
EMC Immunity: EN61000-6-2, CE (EN61000-4-2,3,4,5,6,8); CE
Flammability: UL 94V-0 materials
MECHANICAL
Case Dimensions:
Height: 5.30” (134.6 mm)
Width: 5.60” (142.2 mm)
Depth: 2.85” (72.4 mm)
Weight: 2.5 lb.s (1.3 kg)
Mount: DIN Rail 35 mm
MTBF: >1M Hours**
WARRANTY
3 years on design and manufacturing defects
* See manual for model specific specifications
** Note: See Hardware Manual for model specific MTBF ratings.
E3 I/O Module Specifications
SWITCH PROPERTIES
Operation: Monitored
IEEE Compliance: 802.3, 802.3u, 802.3ab, 802.3x 802.1d/D/w,
802.1p, 802.1Q, 802.1x
Protocols: TCP/IP, ARP, UDP, ICMP, DHCP, HTTP, Modbus TCP,
Modbus UDP (slave or master), Sixnet TCP, Sixnet UDP
(slave or master)
Latency (typical): 5 us @ 100 Mbps
Switching Method: Store-and-Forward
Networks: 1 or 2 independent with unique MAC and IP addresses
Real-Time Ring: 30 ms + 5ms per hop
MDIX Auto Sensing Cable
Auto Sensing Speed and Flow Control
POWER INPUT*
Input Voltage: 10-30 VDC (12-24 Nominal)
Steady Input Current:
Maximum: 355mA @ 24VDC no loads
Average: 190mA @ 24VDC no loads
Minimum: 150mA @ 24VDC no loads
Max Inrush: 5 A /100 us @ 24 VDC
BTU/HR: 8 (typical)
CONNECTORS
Ethernet Ports: Two (2) 10/100Base-T(X) RJ45 ports
Serial Port: One (1) RS-485 screw block (485+, 485-, GND;
2-wire half-duplex, non-isolated)
RS-485 Networking: Up to 32 (full load) stations
RS-485 Distance: Up to 0.5 miles (baud-rate dependent)
Baud Rates: 300 to 57,600 baud
Protocols: Master and slave; Sixnet and Modbus RTU/ASCII
NETWORK MEDIA
10Base-T: ≥ Cat3 cable
100Base-T(X): ≥ Cat5 cable
DISCRETE INPUTS*
Voltage Range: 10-30 VDC or 60-140 VAC
Input Resolution: 150 volts (16 channel modules only)
Input Resistance: 10 Kohms
Slow Response: 25 ms (20 Hz max count rate)
Fast Response: 1 ms (400 Hz max count rate)
Special Fast Counting: Up to 50 KHz (channel 1 & 2)
Count Up: Pulse timing and pulse rate 16 or 32-bit reporting
DISCRETE OUTPUTS*
Output Voltage Range: 10-30 VDC or VDC/AC
Maximum Output Power: Up to .5 A per channel
Short Circuit Protection: Self-reset fuses
Input Isolation: 150 V (16 channel modules only)
Channel Scan Rate: 1 ms
DIMENSIONS in inches (mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com