Electronic Components Datasheet Search
  English  ▼

X  

1005TX Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 1005TX
Description  Unmanaged Gigabit Industrial Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

1005TX Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  1005TX Datasheet HTML 1Page - Red Lion Controls. Inc 1005TX Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MECHANICAL
Case Dimensions
Height: 4.0” (10.2 cm)
Width: 1.0” (2.6 cm)
Depth: 3.7” (9.4 cm)
Weight: 0.61 lbs. (0.27 kg)
Mount: DIN Rail 35 mm
ORDERING GUIDE
PART NUMBER
DESCRIPTION
1005TX
Five 10/100/1000Base T Ports
1000-PM
Panel Mount Kits
NTPS-24-1.3
DIN-Rail Power Supply 24V@1.3 Amp
All specifications are subject to change. Consult the company website for more information.
Unmanaged Gigabit Industrial Ethernet Switch Specifications
SWITCH PROPERTIES
Operation: Unmanaged
Number of Mac Addresses: 4,000
Full IEEE Compliant: 802.3, 802.3u, and 802.3ab
Switching Method: Store and forward
Activity Status Indication: LED link
MTBF: >2 million hours
Supports Full/Half Duplex Operation
Maximum Throughput: Up to 10.0 Gb/s
MDIX Auto Sensing Cable
Auto Sensing Speed and Flow Control
Communications: Full Wire Speed
POWER INPUT
Input Voltage: 10-30 VDC
Steady Input Current: 230 mA @ 24 V
Inrush: 13 Amp / 61 us @ 24 V
BTU/HR: 18.8
CONNECTORS
10/100/1000BaseT: Five (5) RJ-45 TX copper ports
NETWORK MEDIA
10BaseT: ≥ Cat3 Cable
100BaseTX: ≥ Cat5 Cable
1000BaseT: ≥ Cat5e Cable
RECOMMENDED WIRING CLEARANCE
Front: 2” (5.08 cm)
Top: 1” (2.54 cm)
CERTIFICATION & COMPLIANCE
FCC/CE (CFR 47, Part 15, Subpart B, Class A)
EN 61000-6-2/4, IEC 61000-4-2/3/4/5/6
EN 55011, ICES-003
UL Class I, Division 2, Groups A, B, C and D; T4
UL 508, ANSI/ISA-12.12.01-2013 Class I and II, Division 2 and
Class III, Division 1 and 2
cUL: C22.2 No. 14-M05, C22.2 No. 213-M1987 Class I, Division 2
Hazardous Locations
Rail: EN 50155, EN 50121 and EN 61373
ABS Type Approval for Shipboard Applications
DNV Type Approval Certification
RoHS Compliant
Designed to comply with: IEEE 1613 for Electric Utility Substations
NEMA TS1/TS2 for Traffic Control
ENVIRONMENTAL
Operating Temperature: -40oC to 85oC
Storage Temperature: -40oC to 85oC
Operating Humidity: 10% to 95% (Non Condensing)
Operating Altitude: 0 to 10,000 ft.
Shock: 200 g @ 10 ms
Vibration/Seismic: 50 g, 10-200 Hz, triaxial
DIMENSIONS
5
3
4
2
1
1005TX
LNK
ACT
SPD
1000
LNK
ACT
SPD
1000
SPD
1000
LNK
ACT
LNK
ACT
SPD
1000
LNK
ACT
SPD
1000
3.85"
[97.77mm]
1.20"
[30.42mm]
3.85"
[97.71mm]
3.61"
[91.65mm]
1.00"
[25.40mm]
4.37"
[110.97mm]
4.00"
[101.60mm]
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0272 090616 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com