Electronic Components Datasheet Search
  English  ▼

X  

712FX4 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # 712FX4
Description  Managed Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

712FX4 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  712FX4 Datasheet HTML 1Page - Red Lion Controls. Inc 712FX4 Datasheet HTML 2Page - Red Lion Controls. Inc 712FX4 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
712FX4 Specifications
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
712FX4-XX.................................................. 12-Port (8 10/100BaseTX, 4 100BaseFX Fiber Ports), Fully Managed Industrial Ethernet Switch, DIN-Rail
712FXE4-XX-YY.......................................... 12-Port (8 10/100BaseTX, 4 100BaseFX Fiber Ports), Fully Managed Industrial Ethernet Switch, singlemode, DIN-Rail
NTCD128..................................................... Optional conguration card for backup / restore
NTPS-24-1.3................................................ N-TRON Power Supply - (1.3 Amp @ 24 VDC)
CPMA-2....................................................... Compact Panel Mount (factory installed option)
URMK.......................................................... Universal Rack Mount Kit
Where:
N = N-View Firmware Option
E = Singlemode
XX = ST for ST style ber connector, SC for SC style ber connector
YY = Segment length:
15 for 15km max. ber segment length
40 for 40km max. ber segment length
80 for 80km max. ber segment length
Mixed ber congurations available.
712FX4
® 2011 N-TRON Corporation. N-Tron and the N-Tron logo are trademarks of N-TRON, Corporation. Product names mentioned herein are for identication purposes only and may
be trademarks and/or registered trademarks of their respective company. The responsibility for the use and application of N-Tron products rests with the end user. N-Tron makes no
warranties as to the tness or suitability of any N-Tron product for any specic application. N-Tron Corporation shall not be liable for any damage resulting from the installation, use, or
misuse of this product. Specications subject to change without notice. REV 2011.03.22
please visit us worldwide at www.n-tron.com
N-TRON USA & Corporate Headquarters
820 S. University Blvd • Suite 4E
Mobile, AL 36609 • USA
Phone +1-251-342-2164
Fax
+1-251-342-6353
www.n-tron.com
N-TRON ASIA PACIFIC
CHINA
Phone
+86 (0) 21-6113-3688
Fax
+86 (0) 21-6113-3683
INDIA
Phone
+91-9844-876540
SINGAPORE
Phone
+65-8118-6821
N-TRON EMEA
Phone +41-41-740-6636
Fax
+41-41-740-6637
N-TRON UK/IRELAND/NORDIC/BENELUX
Phone +44 (0) 1928-577257
www.n-tron.com
712FX4
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ADLD0283 080116 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com