Electronic Components Datasheet Search
  English  ▼

X  

710FX2 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 710FX2
Description  Managed Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

710FX2 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  710FX2 Datasheet HTML 1Page - Red Lion Controls. Inc 710FX2 Datasheet HTML 2Page - Red Lion Controls. Inc 710FX2 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
710FX2 Industrial Ethernet Switch
N-Tron Networking Series
Managed Industrial Ethernet Switch
THE INDUSTRIAL NETWORK COMPANY
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
710FX2
Remote Monitoring Options
Web browser and N-View OPC (OLE for process control) server software provides
conguration and monitoring capability. N-View software easily combines with HMI
software to monitor network trafc, alarms, and trends. SNMP is also available for
switch link and status monitoring. Status LEDs are congurable to indicate power
failure and N-Ring status.
N-Ring Technology
N-Ring technology provides expanded ring capacity, detailed fault diagnostics, and
fast 30ms healing time. The ring manager validates the integrity of the ring using
health check packets and quickly converts the ring to a linear topology within ~30ms
when an error is detected. The health status of a ring comprised of all N-TRON fully
managed switches may be monitored. A detailed ring map and fault location chart
may be accessed by the ring manager's web browser or the OPC server. N-Link
allows the linking of two N-Rings. Up to 250 fully managed N-TRON switches are
supported in an N-Ring topology.
Industrial Specications
High MTBF, extended shock and vibration specications, wide operating temperature
range and redundant power inputs are standard features.
Ease of Use
The 10/100BaseTX ports are auto sensing and auto conguring. Each copper port
is automatically negotiated for maximum speed and performance by default, but can
also be hard coded through the user interface. A high-speed processor allows wire
speed capability on all 10/100BaseTX ports simultaneously.
The N-TRON® 710FX2 compact, fully managed industrial Ethernet switch is housed
in a rugged industrial metal enclosure and offers a powerful combination of eight
10/100BaseTX copper ports and two 100Base ber ports. It is ideally suited for
use in industrial applications such as factory oor control networks, utilities, wind
turbines, wastewater treatment facilities, rail car, intelligent trafc control and
transportation applications, and any other application where high reliability, superior
noise immunity, extreme ruggedness, and extended distance are required.
PRODUCT FEATURES
• Eight 10/100BaseTX RJ-45 Ports
• Two 100BaseFX Ports, ST or SC Style
• -40oC to 70oC Operating Temperature
• Onboard Temperature Sensor
• ESD and Surge Protection Diodes on all Ports
• Auto Sensing 10/100BaseTX, Duplex, and MDIX
• Store-and-Forward Technology
• Rugged DIN-Rail Enclosure
• Redundant Power Inputs (10-49 VDC)
• Congurable Bi-Color Fault Status LED
FULLY MANAGED FEATURES
• SNMP v1, v2, v3 and Web Browser Management
• Conguration backup via Optional SD card
• Detailed Ring Map and Fault Location Charting
• N-Ring™ Technology with ~30ms Healing
• N-Link™ Redundant N-Ring Coupling
• RSTP 802.1d, 802.1w, 802.1D
• N-View™ OPC Monitoring
• IGMP Auto conguration
• 802.1Q tag VLAN and Port VLAN
• 802.1p QoS, Port QoS, and DSCP
• EtherNet/IP™ CIP Messaging
• LLDP (Link Layer Discovery Protocol)
• Trunking
• Port Mirroring
• DHCP Server, Option 82 relay, Option 61, IP Fallback
• Local Port IP Addressing
• Port Security—MAC Address Based


Similar Part No. - 710FX2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710FA002M GLENAIR-710FA002M Datasheet
114Kb / 2P
Non-Environmental Straight
710FB002M GLENAIR-710FB002M Datasheet
114Kb / 2P
Non-Environmental Straight
710FS002M GLENAIR-710FS002M Datasheet
114Kb / 2P
Non-Environmental Straight
More results

Similar Description - 710FX2

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
7506GX2 REDLION-7506GX2 Datasheet
596Kb / 3P
Managed Industrial Ethernet Switch
7018TX REDLION-7018TX Datasheet
828Kb / 3P
Managed Industrial Ethernet Switch
7012FX2 REDLION-7012FX2 Datasheet
377Kb / 3P
Managed Industrial Ethernet Switch
7010TX REDLION-7010TX Datasheet
804Kb / 3P
Managed Industrial Ethernet Switch
716FX2 REDLION-716FX2 Datasheet
607Kb / 3P
Managed Industrial Ethernet Switch
714FX6 REDLION-714FX6 Datasheet
426Kb / 3P
Managed Industrial Ethernet Switch
712FX4 REDLION-712FX4 Datasheet
467Kb / 3P
Managed Industrial Ethernet Switch
709FX-HV REDLION-709FX-HV Datasheet
352Kb / 3P
Managed Industrial Ethernet Switch
709FX REDLION-709FX Datasheet
401Kb / 3P
Managed Industrial Ethernet Switch
708FX2 REDLION-708FX2 Datasheet
817Kb / 3P
Managed Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com