Electronic Components Datasheet Search
  English  ▼

X  

LM2901A Datasheet(PDF) 9 Page - Diodes Incorporated

Part # LM2901A
Description  DUAL AND QUAD DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2901A Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button LM2901A Datasheet HTML 5Page - Diodes Incorporated LM2901A Datasheet HTML 6Page - Diodes Incorporated LM2901A Datasheet HTML 7Page - Diodes Incorporated LM2901A Datasheet HTML 8Page - Diodes Incorporated LM2901A Datasheet HTML 9Page - Diodes Incorporated LM2901A Datasheet HTML 10Page - Diodes Incorporated LM2901A Datasheet HTML 11Page - Diodes Incorporated LM2901A Datasheet HTML 12Page - Diodes Incorporated LM2901A Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM2901/ LM2901A/ LM2903/ LM2903A
Document number: DS36779 Rev. 3 - 2
9 of 18
www.diodes.com
May 2016
© Diodes Incorporated
LM2901/ LM2901A/ LM2903/ LM2903A
Typical Application Circuit (VCC = 5.0VDC)
+VIN
Basic Comparator
Vcc
3K
Ω
Vo
+
-
+VREF
+VIN
Driving CMOS
5V
100K
Ω
Vo
+
-
+VREF
½ LM2903/A
8
Driving TTL
+5VDC
10K
Ω
Vo
+
-
+
-
V+
Vo
3K
Ω
1M
Ω
1M
Ω
1M
Ω
+VIN
Inverting Comparator with
Hysteresis
V+
+
-
V+
Vo
3K
Ω
10M
Ω
10K
Ω
+VREF
Non-Inverting Comparator with
Hysteresis
+VIN
VIN
Comparator with a
Negative Reference
V+
5.1K
Ω
Vo
+
-
-5 VDC
+
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com