Electronic Components Datasheet Search
  English  ▼

X  

LM2903 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # LM2903
Description  DUAL AND QUAD DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2903 Datasheet(HTML) 3 Page - Diodes Incorporated

  LM2903 Datasheet HTML 1Page - Diodes Incorporated LM2903 Datasheet HTML 2Page - Diodes Incorporated LM2903 Datasheet HTML 3Page - Diodes Incorporated LM2903 Datasheet HTML 4Page - Diodes Incorporated LM2903 Datasheet HTML 5Page - Diodes Incorporated LM2903 Datasheet HTML 6Page - Diodes Incorporated LM2903 Datasheet HTML 7Page - Diodes Incorporated LM2903 Datasheet HTML 8Page - Diodes Incorporated LM2903 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM2901/ LM2901A/ LM2903/ LM2903A
Document number: DS36779 Rev. 3 - 2
3 of 18
www.diodes.com
May 2016
© Diodes Incorporated
LM2901/ LM2901A/ LM2903/ LM2903A
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
36
V
VID
Differential Input Voltage
36
V
VIN
Input Voltage
-0.3 to +36
V
IIN
Input Current (VIN < -0.3V)
50
mA
VO
Output Voltage
36
V
IO
Output Current
20
mA
—
Duration of Output Short Circuit to Ground (Note 5)
Unlimited
—
θJA
Package Thermal Impedance
(Note 6)
SO-8
TBD
°C/W
MSOP-8
TBD
TSSOP-8
TBD
SO-14
TBD
TSSOP-14
TBD
θJC
Package Thermal Impedance
(Note 6)
SO-8
TBD
°C/W
MSOP-8
TBD
TSSOP-8
TBD
SO-14
TBD
TSSOP-14
TBD
TA
Operating Temperature Range
-40 to +125
°C
TJ
Operating Junction Temperature
150
°C
TST
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260
°C
ESD
Human Body Mode ESD Protection (Note 7)
500
V
Machine Mode ESD Protection
100
Notes:
4. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only; functional
operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
5. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6. Maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is
PD = (TJ(MAX) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
7
. Human body model, 1.5kΩ in series with 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com