Electronic Components Datasheet Search
  English  ▼

X  

MIC2198BML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2198BML
Description  500kHz 4mm 횞 4mm Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2198BML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2198BML Datasheet HTML 1Page - Micrel Semiconductor MIC2198BML Datasheet HTML 2Page - Micrel Semiconductor MIC2198BML Datasheet HTML 3Page - Micrel Semiconductor MIC2198BML Datasheet HTML 4Page - Micrel Semiconductor MIC2198BML Datasheet HTML 5Page - Micrel Semiconductor MIC2198BML Datasheet HTML 6Page - Micrel Semiconductor MIC2198BML Datasheet HTML 7Page - Micrel Semiconductor MIC2198BML Datasheet HTML 8Page - Micrel Semiconductor MIC2198BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2004
1
MIC2198
MIC2198
Micrel
MIC2198
500kHz 4mm ×
××
×
× 4mm Synchronous Buck Controller
General Description
The MIC2198 is a high-power 500kHz synchronous buck
DC-to-DC controller housed in a small 4mm × 4mm MLF™
12-lead package. The MIC2198 operates from a wide 4.5V to
32V input and can be programmed for output voltages from
0.8V to 6V. The wide input voltage capability makes the
MIC2198 an ideal solution for point-of-load DC-to-DC con-
version in 5V, 12V and higher systems.
The 500kHz switching frequency allows the use of a small
inductor and small output capacitors. The current mode PWM
control along with the external COMP pin allows for ease of
stability compensation and fast transient response across a
wide range of applications.
An all N-Channel synchronous architecture and powerful
output drivers allow up to 20A of output current capability.
For higher efficiency at higher input voltages, refer to the
300kHz MIC2199.
The MIC2198 is available in a 12-pin 4mm × 4mm MLF™
package with a junction temperature range from –40°C to
125°C.
Features
• 4.5V to 32V input range
• 4mm × 4mm MLF™ package
• 500kHz PWM operation
• >90% efficiency
• Output voltage adjustable down to 0.8V
• 20A output current capability
• Drives all N-Channel MOSFETs
• Logic controlled micropower shutdown
• Cycle-by-cycle current limiting
• Adjustable undervoltage lockout
• Frequency foldback overcurrent protection
Applications
• Point-of-load DC-to-DC conversion from 5V, 12V
and higher supplies
• Telecom equipment
• Wireless modems
• Servers
• Base stations
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Typical Application
IRF7821
IRF7821
1mH
0.01W
VOUT
3.3V/7A
10kW
6.04kW
1nF
VIN
5.5V to 24V
VIN
EN/UVLO
COMP
CSH
LSD
VSW
VDD
BST
HSD
GND
VOUT
FB
2.2nF
2kW
U1 MIC2198BML
SD103BWS
0.1mF
22mF
4.7mF
220mF
5.5V–24V to 3.3V/7A Converter
MLF and
MicroLeadFrame are trademarks of Amkor Technology, Inc.
50
55
60
65
70
75
80
85
90
95
100
02468
I
LOAD
(A)
V
IN = 5.5V
V
OUT = 3.3V
Efficiency
vs. Load Current


Similar Part No. - MIC2198BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2198BML MICREL-MIC2198BML Datasheet
418Kb / 14P
500kHz 4mm 횞 4mm Synchronous Buck Controller
More results

Similar Description - MIC2198BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199 Datasheet
222Kb / 15P
300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Linear Technology
LTC3445 LINER-LTC3445 Datasheet
474Kb / 24P
I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198_05 Datasheet
418Kb / 14P
500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
logo
FCI connector
84501-001 FCI-CONNECTOR-84501-001 Datasheet
208Kb / 3P
4mm RECPT. ASSY
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
logo
ERNI Electronics
DC0000110 ERNI-DC0000110 Datasheet
74Kb / 1P
Federleiste SMD. Powerm. 4mm Female Con, SMD, Powerm. 4mm
logo
Everlight Electronics C...
IR3494-30C-H80-L419 EVERLIGHT-IR3494-30C-H80-L419_15 Datasheet
155Kb / 6P
4mm Infrared LED
logo
HARTING Technology Grou...
09-00-000-5351 HARTING-09-00-000-5351 Datasheet
455Kb / 1P
Kabeldurchf체hrungst체lle 3-4mm
2021-10-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com