Electronic Components Datasheet Search
  English  ▼

X  

MBR30H100C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MBR30H100C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR30H100C Datasheet(HTML) 4 Page - Diodes Incorporated

  MBR30H100C Datasheet HTML 1Page - Diodes Incorporated MBR30H100C Datasheet HTML 2Page - Diodes Incorporated MBR30H100C Datasheet HTML 3Page - Diodes Incorporated MBR30H100C Datasheet HTML 4Page - Diodes Incorporated MBR30H100C Datasheet HTML 5Page - Diodes Incorporated MBR30H100C Datasheet HTML 6Page - Diodes Incorporated MBR30H100C Datasheet HTML 7Page - Diodes Incorporated MBR30H100C Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MBR30H100C
Document number: DS36965 Rev. 3 - 2
4 of 8
www.diodes.com
July 2014
© Diodes Incorporated
MBR30H100C
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
Maximum Thermal Resistance (Junction to Case)
(Note 7)
R
θJC
TO-220-3 (2)
2.0
oC/W
TO-220F-3 (Option 1)
2.5
Maximum Thermal Resistance (Junction to Ambient)
(Note 7)
R
θJA
TO-220-3 (2)
60
oC/W
Note 7:
Device mounted on heat sink, with minimum recommended pad layout per http://www.diodes.com
Electrical Characteristics (Each Diode Leg)
Characteristic
Symbol
Rating
Unit
Test Condition
Maximum Instantaneous Forward Voltage Drop (Note 8)
VF
0.80
V
IF = 15A, TC = +25C
0.67
IF = 15A, TC = +125C
0.93
IF = 30A, TC = +25C
0.80
IF = 30A, TC = +125C
Maximum Instantaneous Reverse Current (Note 8)
IR
6.0
mA
Rated DC Voltage, TC = +125C
0.0045
Rated DC Voltage, TC = +25C
Note 8:
Short duration pulse test used to minimize self-heating effect, Pulse Test Width = 300µ
s, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com