Electronic Components Datasheet Search
  English  ▼

X  

MBR10100C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR10100C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR10100C Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR10100C Datasheet HTML 1Page - Diodes Incorporated MBR10100C Datasheet HTML 2Page - Diodes Incorporated MBR10100C Datasheet HTML 3Page - Diodes Incorporated MBR10100C Datasheet HTML 4Page - Diodes Incorporated MBR10100C Datasheet HTML 5Page - Diodes Incorporated MBR10100C Datasheet HTML 6Page - Diodes Incorporated MBR10100C Datasheet HTML 7Page - Diodes Incorporated MBR10100C Datasheet HTML 8Page - Diodes Incorporated MBR10100C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MBR10100C
Document number: DS36953 Rev. 4 - 2
1 of 13
www.diodes.com
July 2015
© Diodes Incorporated
MBR10100C
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF (MAX) (V)
@ +25°C
IR (MAX) (mA)
@ +25°C
100
2x5
0.85
0.1
Description
High voltage dual Schottky rectifier suited for switch mode power
supplies and other power converters. This device is intended for use
in medium voltage operation, and particularly, in high frequency
circuits where low switching losses and low noise are required.
The MBR10100C is available in standard TO-220F-3 (Option 1), TO-
220-3 (2), TO-263-2 and TO-252-2 (1) packages.
Applications
Power Supply Output Rectification
Power Management
Instrumentation
Features
Low Forward Voltage: 0.85V @ +25
oC
High Surge Current Capability
+150
oC Operating Junction Temperature
10A Total (5A Each Diode Leg)
Guard-Ring for Stress Protection
Pb-free Package
TO-220-3 (2) ,TO-220F-3 (Option 1), TO-252-2 (1) and TO-263-2
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Available in “Green” Packages: TO-220-3 (2), TO-220F-3 (Option
1), TO-252-2 (1) and TO-263-2
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO-220-3 (2), TO-220F-3 (Option 1), TO-252-2 (1) and TO-
263-2
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight
TO-220-3 (2), TO-220F-3 (Option 1) and TO-263-2
– 1.9
Grams (Approximate)
TO-252-2 (1)
– 0.31Grams (Approximate)
TO-220F-3 (Option 1)
TO-220-3 (2)
TO-263-2
TO-252-2 (1)
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - MBR10100C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR10100C UTC-MBR10100C Datasheet
31Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
BCD Semiconductor Manuf...
MBR10100C BCDSEMI-MBR10100C Datasheet
216Kb / 8P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10100C BCDSEMI-MBR10100C Datasheet
442Kb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR10100C UTC-MBR10100C Datasheet
90Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Global Corp...
MBR10100C SIRECT-MBR10100C Datasheet
132Kb / 3P
Power Schottky Rectifier - 10Amp 100Volt
More results

Similar Description - MBR10100C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com