Electronic Components Datasheet Search
  English  ▼

X  

309FX Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 309FX
Description  Unmanaged Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

309FX Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  309FX Datasheet HTML 1Page - Red Lion Controls. Inc 309FX Datasheet HTML 2Page - Red Lion Controls. Inc 309FX Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
309FX-N Specifications
www.n-tron.com
309FX-N
Specications
Switch Properties
Number of MAC Addresses:
4,000
Latency (typical):
2.1 μs
Backplane Speed:
2.6 Gb/s
Switching Method:
Store & Forward
Case Dimensions
Height:
5.5"
(13.9cm)
Width:
2.3"
(5.8cm)
Depth:
3.5"
(8.9cm)
Weight:
1.6 lbs
(0.8kg)
Din-Rail:
35mm
Electrical
Redundant Input Voltage:
10-30 VDC
Input Current:
260 mA@24V
Inrush:
8.5Amp/0.7ms@24V
BTU/hr:
21.3@24V
Environmental
Operating and Storage Temp: -40ºC to 85ºC
Operating Humidity:
10% to 95%
(Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounting)
Shock:
200g@10ms
Vibration/Seismic:
50g, 5-200Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
100BaseFX:
Multimode
50-62.5/125μm
Singlemode
7-10/125μm
Connectors
10/100BaseTX:
Eight (8) RJ-45 Copper Ports
100BaseFX:
One (1) SC or ST Duplex Port
Serial Conguration Port
Com Parameters:
9600,n,8,1
Recommended Wiring Clearance
Front:
4" (10.16 cm)
Top:
1" (2.54 cm)
Regulatory Approvals
FCC (CFR 47, Part 15, Subpart B, Class A and ANSI C63.4)
ICES-003
CE (IEC 60068: 2-1/2/6/30 and IEC 60533-7)
UL/cUL: Class I, Div 2, Groups A, B, C, and D; T4
(ANSI/ISA 12.12.01-2007)
EN 60079-0/15 ATEX
GOST-R Certied, RoHS Compliant
Designed to comply with:
IACS UR E10 (ABS Type-Approval)
IEC 61850-3 and IEEE 1613 (Elec. Power Sub-stations)
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max -31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com