Electronic Components Datasheet Search
  English  ▼

X  

305FX Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 305FX
Description  Unmanaged Industrial Ethernet Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

305FX Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  305FX Datasheet HTML 1Page - Red Lion Controls. Inc 305FX Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
305FX Industrial Ethernet Switch Specifications
CASE DIMENSIONS
Height: 3.5” (8.9 cm)
Width: 2.1” (5.4 cm)
Depth: 3.4” (8.7 cm)
Weight: 0.75 lbs (0.34 kg)
ELECTRICAL
Input Voltage: 10-30 VDC
Input Current: 250 mA@24V
BTU/hr: 20.5@24 VDC
Inrush: 10Amp/0.9ms@24V
ENVIRONMENTAL
Operating Temperature: -40ºC to 70ºC
Storage Temperature: -40ºC to 85ºC
Operating Humidity: 10% to 95% (Non Condensing)
Operating Altitude: 0 to 10,000 ft.
SHOCK AND VIBRATION (BULKHEAD MOUNTING)
Shock: 200g @ 10msVibration/Seismic: 50g, 5-200Hz, Triaxial
NETWORK MEDIA
10BaseT: ≥Cat3 Cable
100BaseTX: ≥Cat5 Cable
100BaseFX:
Multimode 50-62.5/125μm
Singlemode 7-10/125μm
CONNECTORS
10/100BaseTX: Four (1) RJ-45 TX Ports
100BaseFX: One (1) ST or SC Duplex Port
RECOMMENDED WIRING CLEARANCE
Front: 4” (10.16 cm)Top: 1” (2.54 cm)
INDUSTRIAL NETWORK SWITCH
Compact Size, Small Footprint
High Reliability/Availability
Extended Environmental Specifications
Ruggedized DIN-Rail Enclosure
High Performance
High MTBF >2M Hours (measured)
EASE OF USE
Plug & Play Operation
Four Auto Sensing 10/100BaseTX RJ-45 Ports
Auto Sensing Duplex, Speed and Cable Type
Unmanaged Operation
Compact DIN-Rail Package
INCREASED PERFORMANCE
Full Wire Speed Capable
100BaseFX Fiber Uplink
Full Duplex Capable
Eliminates Network Collisions
Increases Network Determinism
N-View Monitoring option available
REGULATORY APPROVALS
FCC Part 15 Class A
US - UL Listed UL508, ANSI/ISA 12.12.01-2007 for use in Class I
and II, Division 2 and Class III Division 1 and 2 Hazardous
Locations Groups A,B,C,D,T4A
Canada - C22.2 No. 142-M1987 and C22.2 No. 213-1987 for
use in Class I, Division 2 Hazardous Locations
CE: EN61000-6-2,4, EN55011, EN61000-4-2,3,4,5,6
ABS Type Approval for Shipboard Applications
EE 1613 for Electric Utility Substations
GOST-R Certified
RoHS Compliant
DIMENSIONS in inches (mm)
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0307 111914 © 2014 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ORDERING GUIDE
PART NUMBER
DESCRIPTION
305FX-XX
5-port (4 10/100BaseTX, 1 100Base Fiber Uplink) Industrial Ethernet
Switch, DIN-Rail
305FX-N-XX
5-port (4 10/100BaseTX, 1 100Base Fiber Uplink) Industrial Ethernet
Switch, DIN-Rail with N-View Technology
305FXE-XX-YY
5-port (4 10/100BaseTX, 1 100Base Fiber Uplink) Industrial Ethernet
Switch, DIN-Rail
305FXE-N-XX-YY
5-port (4 10/100BaseTX, 1 100Base Fiber Uplink) Industrial Ethernet
Switch, DIN-Rail with N-View Technology
Where: N = N-View Option
E = Singlemode
XX = ST for ST style fiber connector, SC for SC style fiber connector
YY = Segment length:
15 for 15km max. fiber segment length
40 for 40km max. fiber segment length
80 for 80km max. fiber segment length
FIBER TRANSCEIVER CHARACTERISTICS
FIBER LENGTH
2km
15km
40km
80km
TX POWER MIN
-19dBm
-15dBm
-5dBm
-5dBm
RX SENSITIVITY MAX
-31dBm
-31dBm
-34dBm
-34dBm
WAVELENGTH
1310nm
1310nm
1310nm
1550nm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com