Electronic Components Datasheet Search
  English  ▼

X  

MSB12M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MSB12M
Description  1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MSB12M Datasheet(HTML) 1 Page - Diodes Incorporated

  MSB12M Datasheet HTML 1Page - Diodes Incorporated MSB12M Datasheet HTML 2Page - Diodes Incorporated MSB12M Datasheet HTML 3Page - Diodes Incorporated MSB12M Datasheet HTML 4Page - Diodes Incorporated MSB12M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSB12M
Document number: DS37025 Rev. 4 - 2
1 of 5
www.diodes.com
May 2016
© Diodes Incorporated
MSB12M
1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF (V)
IR (µA)
1,000
1.2
1.1
5
Description and Applications
Suitable for AC to DC bridge full-wave rectification for SMPS; LED
lighting,
adapters,
battery
chargers,
home
appliances,
office
equipment, and telecommunications applications.
Features and Benefits
Glass Passivated Die Construction
Compact, Thin Profile Package Design
Reliable Robust Construction
Ideal for SMT Manufacturing
Lead Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: MSB
Case Material: Molded Plastic; UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 0.09 grams (Approximate)
MSB
Ordering Information (Note 4)
Part Number
Case
Packaging
MSB12M-13
MSB
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
MSB
Green
Top View
Internal Schematic
MXX = Product Type Marking Code,
(XX = 12)
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 6 = 2016)
WW = Week Code (01 ~ 53)
_
+
~
~
YWW
M12
_
Pin Diagram
Pin 1


Similar Part No. - MSB12M

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MSB1205(M)D-3W MORNSUN-MSB1205(M)D-3W Datasheet
465Kb / 6P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSB1205MD-3W MORNSUN-MSB1205MD-3W Datasheet
101Kb / 3P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSB1209MD-3W MORNSUN-MSB1209MD-3W Datasheet
101Kb / 3P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSB1209MD-3W MORNSUN-MSB1209MD-3W Datasheet
465Kb / 6P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
logo
Micro Electronics
MSB120DA-B MICRO-ELECTRONICS-MSB120DA-B Datasheet
47Kb / 1P
ULTRA HIGH BRIGHTNESS RED LED LAMP
More results

Similar Description - MSB12M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
B1S GXELECTRONICS-B1S Datasheet
316Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
TB1F-12-ABF YFWDIODE-TB1F-12-ABF Datasheet
419Kb / 3P
1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Foshan Blue Rocket Elec...
FTB10F-12 FOSHAN-FTB10F-12 Datasheet
885Kb / 6P
1.2A Surface Mount Glass Passivated Bridge Rectifier, ABF thin package.
logo
SHIKUES Electronics
ABS1K SKTECHNOLGY-ABS1K Datasheet
289Kb / 3P
1.2A Surface Moumt Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com