Electronic Components Datasheet Search
  English  ▼

X  

111FX3 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 111FX3
Description  Unmanaged Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

111FX3 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  111FX3 Datasheet HTML 1Page - Red Lion Controls. Inc 111FX3 Datasheet HTML 2Page - Red Lion Controls. Inc 111FX3 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
111FX3 Industrial Ethernet Switch
N-Tron Networking Series
Unmanaged Industrial Ethernet Switch
THEINDUSTRIALNETWORKCOMPANY
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
111FX3
PRODUCT FEATURES
• Compact, Space Saving Package
• Full IEEE 802.3 Compliance
• Eight 10/100BaseTX RJ-45 Ports
• Three 100BaseFX Ports, ST or SC Style
• Unmanaged Operation
• Extended Environmental Specifications
• -40ºC to 80ºC Operating Temperature
• >2 Million Hours MTBF
• Supports Full/Half Duplex Operation
• Auto Sensing 10/100BaseTX, Duplex, MDIX
• Full Wire Speed Communication
• Store-and-Forward Technology
• Redundant Power Inputs (10-49 VDC)
• ESD Protection Diodes on all RJ-45 Ports
• Surge Protection Diodes on Power Inputs
• LED Link/Activity Status Indication
• Hardened Metal DIN-Rail Enclosure
PRODUCT OVERVIEW
The N-TRON® 111FX3 unmanaged industrial network switch is designed to meet
the most demanding communications requirements while providing high throughput
and minimum downtime. The 11-port Ethernet switch is the perfect low-cost solution
for mission critical data acquisition, control, and Ethernet I/O applications.
Exceptional Quality
The ultra-compact 111FX3 provides exceptional performance and reliability under
harsh conditions. Enclosed in a high-grade metal case, the switch offers a robust
feature set that includes an extended temperature range, superior shock and
vibration resistance, redundant power inputs, surge and ESD protection, and
an exceptional MTBF—greater than two million hours. The space-saving design
includes an attached DIN-rail bracket for quick installation.
Versatile Connectivity
The 111FX3 includes eight RJ-45 auto-sensing 10/100BaseTX ports. All ports
support full/half duplex transmission and use N-Tron's proven Ethernet switching
technology. Setup is easy. The unit automatically configures itself on the network
and auto-negotiates both speed and flow control for all copper ports.
For fiber optic networks, the 111FX3 supplies three 100BaseFX ports. These
connections provide vital support for applications where EMI immunity or
communication over long distances (up to 80 km) is required. N-Tron offers
singlemode or multimode installations, as well as SC- or ST-style connectivity.
Excellent Network Support
The 111FX3 is a brilliant plug-and-play solution for unmanaged operations,
eliminating virtually all network collisions. Designed with advanced communication
processing, store-and-forward programming and memory for up to 8,000
MAC-addresses, this powerful unit handles the demands of even the most
complex networks. Intelligent auto-sensing ports instantly recognize and resolve
10/100BaseTX, MDIX and duplex conflicts. For added convenience, LEDs are
provided to display link status and activity for each port.


Similar Part No. - 111FX3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
111 HONEYWELL-111 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Switchcraft, Inc.
111 SWITCH-111 Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
logo
Aries Electronics, Inc.
111 ARIES-111 Datasheet
622Kb / 1P
Protective Covers Ultrasonically-welded with Strain Relief
logo
Littelfuse
111 LITTELFUSE-111 Datasheet
1Mb / 1P
111/519 Series 5mm Fuse Clips Taped for Automated Insertion
02/22/15
logo
Copyright Pickering Ele...
111 PICKERING-111 Datasheet
847Kb / 7P
Pico SIL/SIP Reed Relays
ISSUE 1.2 JAN 2022
More results

Similar Description - 111FX3

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
524TX REDLION-524TX Datasheet
498Kb / 3P
Unmanaged Industrial Ethernet Switch
517FX REDLION-517FX Datasheet
548Kb / 3P
Unmanaged Industrial Ethernet Switch
509FX REDLION-509FX Datasheet
447Kb / 3P
Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
Unmanaged Industrial Ethernet Switch
304TX REDLION-304TX Datasheet
764Kb / 3P
Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
Unmanaged Industrial Ethernet Switch
110FX2 REDLION-110FX2 Datasheet
866Kb / 3P
Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com