Electronic Components Datasheet Search
  English  ▼

X  

110FX2 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 110FX2
Description  Unmanaged Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

110FX2 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  110FX2 Datasheet HTML 1Page - Red Lion Controls. Inc 110FX2 Datasheet HTML 2Page - Red Lion Controls. Inc 110FX2 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
110FX2 Specifications
www.n-tron.com
110FX2
Specifications
Switch Properties
Number of MAC Addresses:
8000
Latency Typical:
2.6 μs
Switching Method:
Store-and-Forward
Case Dimensions
Height:
4.3"
(10.8 cm)
Width:
2.4"
(6.1 cm)
Depth:
4.6"
(11.5 cm)
Weight (max):
1.4 lbs
(0.64 kg)
DIN-Rail Mount:
35mm
Electrical
Redundant Input Voltage:
10-49 VDC (Regulated)
Input Current (max):
355mA max@24 VDC
BTU/hr:
29.1@24 VDC
N-Tron Power Supply:
NTPS-24-1.3 (1.3A@24V)
Environmental
Operating Temperature:
-40oC to 80oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
5% to 95% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounted)
Shock:
200g@10ms
Vibration/Seismic:
50g, 5-200Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
Connectors
10/100BaseTX:
Eight (8) RJ-45 Copper Ports
100BaseFX:
Two 100BaseFX Ports, ST or SC
Recommended Wiring Clearance
Front:
4"
(10.2 cm)
Side:
1"
(2.6 cm)
Regulatory Approvals
• FCC: Title 47, Part 15, Subpart B, Class A; ANSI C63.4; ICES-003
• UL /cUL: Class I, Div 2, Groups A, B, C, D and T4
• CE: IEC 61000-4-2/3/4/5/6/8/11, EN 61000-6-2/4
• Other: ABS Type Approval for Shipboard Applications;
GOST-R certified; RoHS compliant
Further information regarding this product's regulatory conformity can be found on the N-
Tron website at www.n-tron.com/regulator
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
www.n-tron.com
110FX2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com