Electronic Components Datasheet Search
  English  ▼

X  

MSP4408G Datasheet(PDF) 34 Page - Micronas

Part # MSP4408G
Description  Multistandard Sound Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP4408G Datasheet(HTML) 34 Page - Micronas

Back Button MSP4408G Datasheet HTML 30Page - Micronas MSP4408G Datasheet HTML 31Page - Micronas MSP4408G Datasheet HTML 32Page - Micronas MSP4408G Datasheet HTML 33Page - Micronas MSP4408G Datasheet HTML 34Page - Micronas MSP4408G Datasheet HTML 35Page - Micronas MSP4408G Datasheet HTML 36Page - Micronas MSP4408G Datasheet HTML 37Page - Micronas MSP4408G Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
MSP 44x8G
PRELIMINARY DATA SHEET
34
Micronas
3.4. Programming Tips
This section describes the preferred method for initial-
izing the MSP 44x8G. The initialization is grouped into
four sections:
– SCART Signal Path (analog signal path)
– Demodulator Input
– SCART and I2S Inputs
– Output Channels
See Fig. 2–1 on page 8 for a complete signal flow.
SCART Signal Path
1. Select analog input for the SCART baseband pro-
cessing (SCART DSP Input Select) by means of the
ACB register.
2. Select the source for each analog SCART output
(SCART Output Select) by means of the ACB regis-
ter.
Demodulator Input
For a complete setup of the sound processing from
analog IF input to the source selection, the following
steps must be performed:
1. Set MODUS register to the preferred mode and
Sound IF input.
2. Write STANDARD SELECT register.
3. Choose preferred prescale (FM and NICAM) values.
4. If Automatic Sound Select is not active:
Choose FM matrix repeatedly according to the
sound mode indicated in the STATUS register.
SCART and I2S Inputs
1. Select preferred prescale for SCART.
2. Select preferred prescale for I2S inputs
(set to 0 dB after RESET).
Output Channels
1. Select the source channel and matrix for each out-
put channel.
2. Set audio baseband features (i.e. AVC, 75
µs pre-
emphasis)
3. Select volume for each output channel.
3.5. Examples of Minimum Initialization Codes
Initialization of the MSP 44x8G according to these list-
ings reproduces sound of the selected standard on the
main output. All numbers are hexadecimal. The exam-
ples have the following structure:
1. Perform an I2C controlled reset of the IC.
2. Write MODUS register
(with Automatic Sound Select).
3. Set Source Selection for main channel
(with matrix set to STEREO).
4. Set Prescale
(FM and/or NICAM and dummy FM matrix).
5. Write STANDARD SELECT register.
6. Set Volume main channel to 0 dB.
3.5.1. B/G-FM (A2 or NICAM)
<800080 00>
// Softreset
<800000 00>
<801000 3020 03>
// MODUS-Register: Automatic = on
<801200 0803 20>
// Source Sel. = (St or A) & Ch. Matr. = St
<801200 0E 24 03>
// FM/AM-Prescale = 24hex,
FM-Matrix = MONO/SOUNDA
<801200 1000 5A>
// NICAM-Prescale = 5Ahex
<801000 2000 03>
// Standard Select: A2 B/G or NICAM B/G
or
<801000 2000 08>
<801200 0073 00>
// Main Volume 0 dB
3.5.2. BTSC-Stereo
<800080 00>
// Softreset
<800000 00>
<801000 3020 03>
// MODUS-Register: Automatic = on
<801200 0803 20>
// Source Sel. = (St or A) & Ch. Matr. = St
<801200 0E 24 03>
// FM/AM-Prescale = 24hex,
FM-Matrix = Sound A Mono
<801000 2000 20>
// Standard Select: BTSC-STEREO
<801200 0073 00>
// Main Volume 0 dB
3.5.3. BTSC-SAP with SAP at Main Channel
<800080 00>
// Softreset
<800000 00>
<801000 3020 03>
// MODUS-Register: Automatic = on
<801200 0804 20>
// Source Sel. = (St or B) & Ch. Matr. = St
<801200 0E 24 03>
// FM/AM-Prescale = 24hex,
FM-Matrix = Sound A Mono
<801000 2000 21>
// Standard Select: BTSC-SAP
<801200 0073 00>
// Main Volume 0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com