Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22MT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CP22MT
Description  2X2 800 Mbps LVDS Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CP22MT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90CP22MT Datasheet HTML 1Page - National Semiconductor (TI) DS90CP22MT Datasheet HTML 2Page - National Semiconductor (TI) DS90CP22MT Datasheet HTML 3Page - National Semiconductor (TI) DS90CP22MT Datasheet HTML 4Page - National Semiconductor (TI) DS90CP22MT Datasheet HTML 5Page - National Semiconductor (TI) DS90CP22MT Datasheet HTML 6Page - National Semiconductor (TI) DS90CP22MT Datasheet HTML 7Page - National Semiconductor (TI) DS90CP22MT Datasheet HTML 8Page - National Semiconductor (TI) DS90CP22MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS90CP22
2X2 800 Mbps LVDS Crosspoint Switch
General Description
DS90CP22 is a 2x2 crosspoint switch utilizing LVDS (Low
Voltage Differential Signaling) technology for low power, high
speed operation. Data paths are fully differential from input
to output for low noise generation and low pulse width dis-
tortion. The non-blocking design allows connection of any
input to any output or outputs. LVDS I/O enable high speed
data transmission for point-to-point interconnects. This de-
vice can be used as a high speed differential crosspoint, 2:1
mux, 1:2 demux, repeater or 1:2 signal splitter. The mux and
demux functions are useful for switching between primary
and backup circuits in fault tolerant systems. The 1:2 signal
splitter and 2:1 mux functions are useful for distribution of
serial bus across several rack-mounted backplanes.
The DS90CP22 accepts LVDS signal levels, LVPECL levels
directly or PECL with attenuation networks.
The individual LVDS outputs can be put into TRI-STATE by
use of the enable pins.
For more details, please refer to the Application Information
section of this datasheet.
Features
n
Low jitter 800 Mbps fully differential data path
n
75 ps (typ) of pk-pk jitter with PRBS = 2
23−1 data
pattern at 800 Mbps
n
Single +3.3 V Supply
n
Less than 330 mW (typ) total power dissipation
n
Non-blocking "’Switch Architecture"’
n
Balanced output impedance
n
Output channel-to-channel skew is 35 ps (typ)
n
Configurable as 2:1 mux, 1:2 demux, repeater or 1:2
signal splitter
n
LVDS receiver inputs accept LVPECL signals
n
Fast switch time of 1.2ns (typ)
n
Fast propagation delay of 1.3ns (typ)
n
Receiver input threshold < ±100 mV
n
Available in 16 lead TSSOP and SOIC packages
n
Inter-operates with ANSI/TIA/EIA-644-1995 LVDS
standard
n
Operating Temperature: −40˚C to +85˚C
Connection Diagrams
10105305
Order Number DS90CP22M-8 (SOIC)
Order Number DS90CP22MT (TSSOP)
10105310
Diff. Output Eye-Pattern in 1:2 split mode @ 800 Mbps
Conditions: 3.3 V, PRBS = 2
23−1 data pattern,
V
ID = 300mV, VCM = +1.2 V, 200 ps/div, 100 mV/div
November 2003
© 2003 National Semiconductor Corporation
DS101053
www.national.com


Similar Part No. - DS90CP22MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CP22MT NSC-DS90CP22MT Datasheet
1Mb / 10P
800 Mbps 2x2 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP22MT TI1-DS90CP22MT Datasheet
1,016Kb / 17P
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
DS90CP22MT/NOPB TI1-DS90CP22MT/NOPB Datasheet
1,016Kb / 17P
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
DS90CP22MT/NOPB TI2-DS90CP22MT/NOPB Datasheet
675Kb / 20P
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
REVISED APRIL 2013
DS90CP22MT/NOPB.A TI2-DS90CP22MT/NOPB.A Datasheet
675Kb / 20P
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
REVISED APRIL 2013
More results

Similar Description - DS90CP22MT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22_07 Datasheet
1Mb / 10P
800 Mbps 2x2 LVDS Crosspoint Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS90CP22MX-8 TI1-DS90CP22MX-8 Datasheet
1,016Kb / 17P
DS90CP22 800 Mbps 2x2 LVDS Crosspoint Switch
DS90CP22 TI1-DS90CP22_14 Datasheet
1,017Kb / 18P
800 Mbps 2x2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com