Electronic Components Datasheet Search
  English  ▼

X  

OPA1632 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1632
Description  High-Perfomance, Fully-Differential AUDIO OP AMP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1632 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA1632 Datasheet HTML 2Page - Texas Instruments OPA1632 Datasheet HTML 3Page - Texas Instruments OPA1632 Datasheet HTML 4Page - Texas Instruments OPA1632 Datasheet HTML 5Page - Texas Instruments OPA1632 Datasheet HTML 6Page - Texas Instruments OPA1632 Datasheet HTML 7Page - Texas Instruments OPA1632 Datasheet HTML 8Page - Texas Instruments OPA1632 Datasheet HTML 9Page - Texas Instruments OPA1632 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
OPA1632
SBOS286 − DECEMBER 2003
www.ti.com
6
APPLICATIONS INFORMATION
Figure 1 shows the OPA1632 used as a differential-output
driver for the PCM1804 high-performance audio ADC.
Supply voltages of
±15V are commonly used for the
OPA1632. The relatively low input voltage swing required
by the ADC allows use of lower power-supply voltage, if
desired. Power supplies as low as
±8V can be used in this
application with excellent performance. This reduces
power dissipation and heat rise. Power supplies should be
bypassed with 10
µF tantalum capacitors in parallel with
0.1
µF ceramic capacitors to avoid possible oscillations
and instability.
The VCOM reference voltage output on the PCM1804 ADC
provides the proper input common-mode reference
voltage (2.5V). This VCOM voltage is buffered with op amp
A2 and drives the output common-mode voltage pin of the
OPA1632. This biases the average output voltage of the
OPA1632 to 2.5V.
The signal gain of the circuit is generally set to
approximately 0.25 to be compatible with commonly-used
audio line levels. Gain can be adjusted, if necessary, by
changing the values of R1 and R2. The feedback resistor
values (R3 and R4) should be kept relatively low, as
indicated, for best noise performance.
R5, R6, and C3 provide an input filter and charge glitch
reservoir for the ADC. The values shown are generally
satisfactory. Some adjustment of the values may help
optimize performance with different ADCs.
It is important to maintain accurate resistor matching on
R1/R2 and R3/R4 to achieve good differential signal
balance. Use 1% resistors for highest performance. When
connected
for
single-ended inputs (inverting input
grounded, as shown in Figure 1), the source impedance
must be low. Differential input sources must have
well-balanced or low source impedance.
Capacitors C1, C2, and C3 should be chosen carefully for
good distortion performance. Polystyrene, polypropylene,
NPO ceramic, and mica types are generally excellent.
Polyester and high-K ceramic types such as Z5U can
create distortion.
R
5
40
Ω
R
1
1k
Ω
R
2
1k
Ω
1k
Ω
R
4
270
Ω
R
3
270
Ω
R
6
40
Ω
C
2
1nF
C
1
1nF
0.1
µF
0.1
µF
10
µF
V+
+8V to +16V
−8V to −16V
V
−
1/2
PCM1804
V
OCM
3
5
4
6
7
1
2
8
C
3
2.7nF
V
COM
(2.5V)
Enable(1)
Balanced or
Single−Ended
Input
OPA1632
OPA134
+
10
µF
0.1
µF
+
−
NOTE: (1) Leave open to enable.
Logic signals referenced to V
− supply.
See the Shutdown Function section.
Figure 1. ADC Driver for Professional Audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com