Electronic Components Datasheet Search
  English  ▼

X  

P89C668 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89C668
Description  80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668 Datasheet(HTML) 2 Page - NXP Semiconductors

  P89C668 Datasheet HTML 1Page - NXP Semiconductors P89C668 Datasheet HTML 2Page - NXP Semiconductors P89C668 Datasheet HTML 3Page - NXP Semiconductors P89C668 Datasheet HTML 4Page - NXP Semiconductors P89C668 Datasheet HTML 5Page - NXP Semiconductors P89C668 Datasheet HTML 6Page - NXP Semiconductors P89C668 Datasheet HTML 7Page - NXP Semiconductors P89C668 Datasheet HTML 8Page - NXP Semiconductors P89C668 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Philips Semiconductors
Preliminary data
P89C668
80C51 8-bit Flash microcontroller family
64KB ISP Flash with 8KB RAM
2
2001 Jul 27
DESCRIPTION
The P89C668 device contains a non-volatile 64 kbytes Flash
program memory that is both parallel programmable and serial
In-System Programmable. In-System Programming allows devices
to alter their own program memory, in the actual end product, under
software control. This opens up a range of applications that can
include the ability to field update the application firmware.
A default serial loader (boot loader) program in ROM allows serial
In-System programming of the Flash memory without the need for a
loader in the Flash code. User programs may erase and reprogram
the Flash memory at will through the use of standard routines
contained in ROM.
This device is a Single-Chip 8-Bit Microcontroller manufactured in
advanced CMOS process and is a derivative of the 80C51
microcontroller family. The device has the same instruction set as
the 80C51.
The device also has four 8-bit I/O ports, three 16-bit timer/event
counters, a multi-source, four-priority-level, nested interrupt structure,
an enhanced UART and on-chip oscillator and timing circuits.
The added features of the P89C668 makes it a powerful microcontroller
for applications that require pulse width modulation, high-speed I/O and
up/down counting capabilities such as motor control.
FEATURES
• 80C51 Central Processing Unit
• On-chip Flash Program Memory with In-System Programming
(ISP) capability
• Boot ROM contains low level Flash programming routines for
downloading via the UART
• Can be programmed by the end-user application (IAP)
• Parallel programmed with 87C51 compatible hardware interface to
programmer
• Speed up to 20 MHz with 6 clock cycles per machine cycle
(40 MHz equivalent performance); up to 33 MHz with 12 clocks
• Full static operation
• RAM expandable externally to 64 kbytes
• 4 level priority interrupt
• 8 interrupt sources
• Four 8-bit I/O ports
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Power control modes
– Clock can be stopped and resumed
– Idle mode
– Power down mode
• Programmable clock out
• Second DPTR register
• Asynchronous port reset
• Low EMI (inhibit ALE)
• I2C serial interface
• Programmable Counter Array (PCA)
– PWM
– Capture/compare
ORDERING INFORMATION
MEMORY SIZE
MEMORY
TEMPERATURE
VOLTAGE
FREQ. (MHz)
MEMORY SIZE
64K
× 8
FLASH
RAM
RANGE
°C
AND PACKAGE
VOLTAGE
RANGE
6 CLOCK
MODE
12 CLOCK
MODE
DWG. #
P89C668HBA
64 KB
8 KB
0 to +70, PLCC
4.5 to 5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
P89C668HFA
64 KB
8 KB
–40 to +85, PLCC
4.5 to 5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
P89C668HBBD
64 KB
8 KB
0 to +70, LQFP
4.5 to 5.5 V
0 to 20 MHz
0 to 33 MHz
SOT389-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com