Electronic Components Datasheet Search
  English  ▼

X  

P89C668HBA Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P89C668HBA
Description  80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668HBA Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P89C668HBA Datasheet HTML 29Page - NXP Semiconductors P89C668HBA Datasheet HTML 30Page - NXP Semiconductors P89C668HBA Datasheet HTML 31Page - NXP Semiconductors P89C668HBA Datasheet HTML 32Page - NXP Semiconductors P89C668HBA Datasheet HTML 33Page - NXP Semiconductors P89C668HBA Datasheet HTML 34Page - NXP Semiconductors P89C668HBA Datasheet HTML 35Page - NXP Semiconductors P89C668HBA Datasheet HTML 36Page - NXP Semiconductors P89C668HBA Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Philips Semiconductors
Preliminary data
P89C668
80C51 8-bit Flash microcontroller family
64KB ISP Flash with 8KB RAM
2001 Jul 27
33
DC ELECTRICAL CHARACTERISTICS
Tamb = 0 °C to +70 °C, 5 V ± 10% or –40 °C to +85 °C; 5 V ±5%; VSS = 0 V
SYM-
PARAMETER
TEST
LIMITS
UNIT
BOL
PARAMETER
CONDITIONS
MIN
TYP1
MAX
UNIT
VIL
Input low voltage
4.5 V < VCC < 5.5 V
–0.5
0.2 VCC–0.1
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA11
–0.5
0.3VDD
V
VIH
Input high voltage (ports 0, 1, 2, 3, EA)
0.2VCC+0.
9
VCC+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7VCC
VCC+0.5
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA11
0.7VDD
6.0
V
VOL
Output low voltage, ports 1, 2, 38
VCC = 4.5 V
IOL = 1.6 mA2
0.4
V
VOL1
Output low voltage, port 0, ALE, PSEN 7, 8
VCC = 4.5 V
IOL = 3.2 mA2
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0 mA
0.4
V
VOH
Output high voltage, ports 1, 2, 3 3
VCC = 4.5 V
IOH = –30 µA
VCC – 0.7
V
VOH1
Output high voltage (port 0 in external bus mode),
ALE9, PSEN3
VCC = 4.5 V
IOH = –3.2 mA
VCC – 0.7
V
IIL
Logical 0 input current, ports 1, 2, 3
VIN = 0.4 V
–1
–75
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 36
VIN = 2.0 V
See Note 4
–650
µA
ILI
Input leakage current, port 0
0.45 < VIN < VCC – 0.3
±10
µA
IL2
Input leakage current, P1.6/SCL, P1.7/SDA
0 V < VI < 6 V
0 V < VDD < 5.5 V
10
µA
ICC
Power supply current (see Figure 37):
See Note 5
Active mode (see Note 5)
Idle mode (see Note 5)
Power-down mode or clock stopped (see
Fi
44 f
diti
)
Tamb = 0 °C to 70 °C
20
100
µA
Figure 44 for conditions)
Tamb = –40 °C to +85 °C
125
µA
Programming and erase mode
fosc = 20 MHz
60
mA
RRST
Internal reset pull-down resistor
40
225
k
Ω
CIO
Pin capacitance10 (except EA)
15
pF
NOTES:
1. Typical ratings are not guaranteed. The values listed are at room temperature, 5 V.
2. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100 pF), the noise pulse on the ALE pin may exceed 0.8 V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5mA and no more than two outputs exceed the test conditions.
3. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the VCC–0.7 specification when the
address bits are stabilizing.
4. Pins of ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2 V.
5. See Figures 41 through 44 for ICC test conditions and Figure 37 for ICC vs Freq.
Active mode:
ICC(MAX) = (2.8 × FREQ. + 8.0)mA for all devices, in 6 clock mode; (1.4 × FREQ. + 8.0)mA in 12 clock mode.
Idle mode:
ICC(MAX) = (1.2 × FREQ. +1.0)mA in 6 clock mode; (0.6 × FREQ. +1.0)mA in 12 clock mode.
6. This value applies to Tamb = 0 °C to +70 °C.
7. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
8. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15 mA (*NOTE: This is 85
°C specification.)
Maximum IOL per 8-bit port:
26 mA
Maximum total IOL for all outputs:
71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
9. ALE is tested to VOH1, except when ALE is off then VOH is the voltage specification.
10. Pin capacitance is characterized but not tested. Pin capacitance is less than 25 pF. Pin capacitance of ceramic package is less than 15 pF
(except EA is 25 pF).
11. The input threshold voltage of P1.6 and P1.7 (SIO1) meets the I2C specification, so an input voltage below 1.5 V will be recognized as a logic 0
while an input voltage above 3.0 V will be recognized as a logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com