Electronic Components Datasheet Search
  English  ▼

X  

PCM3500E Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3500E
Description  Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3500E Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM3500E Datasheet HTML 15Page - Texas Instruments PCM3500E Datasheet HTML 16Page - Texas Instruments PCM3500E Datasheet HTML 17Page - Texas Instruments PCM3500E Datasheet HTML 18Page - Texas Instruments PCM3500E Datasheet HTML 19Page - Texas Instruments PCM3500E Datasheet HTML 20Page - Texas Instruments PCM3500E Datasheet HTML 21Page - Texas Instruments PCM3500E Datasheet HTML 22Page - Texas Instruments PCM3500E Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
®
19
PCM3500
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tBCKP
BCK Period
600
4000
ns
tBCKH
BCK Pulse Width HIGH
300
2000
ns
tBCKL
BCK Pulse Width LOW
300
2000
ns
tCKFS
Delay Time BCK Falling Edge to FS
–40
40
ns
tFSW
FS Pulse Width HIGH
tBCKP – 60
tBCKP
tBCKP + 60
ns
tFSP
FS Period
1/fS
tDISU
DIN Set Up Time to BCK Rising Edge
60
ns
tDIHD
DIN Hold Time to BCK Rising Edge
60
ns
tCKDO
Delay Time BCK Falling Edge to DOUT
0
80
ns
tHZDO
Delay Time BCK Falling Edge to DOUT Active
20
ns
tDOHZ
Delay Time BCK Falling Edge to DOUT Inactive
19.5
ns
tFSOW
FSO Pulse Width HIGH
tBCKP – 60
tBCKP
tBCKP + 60
ns
tBFSO
Delay Time BCK Falling Edge to FSO
0
80
ns
tR
Rising Time of All Signals
30
ns
tF
Falling Time of All Signals
30
ns
FIGURE 14. Serial Interface Timing for Time Slot Mode Operation (Master Mode).
FIGURE 15. High-Pass Filter Response.
HIGH-PASS FILTER FREQUENCY RESPONSE
STOPBAND CHARACTERISTICS
Normalized Frequency (• f
S /1000 Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
0.2
0.3
0.4
0.5
0
HIGH-PASS FILTER FREQUENCY RESPONSE
PASSBAND CHARACTERISTICS
Normalized Frequency (• f
S /1000 Hz)
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–10
12
3
4
0
t
FSW
High Impedance
High Impedance
t
BCKP
t
CKFS
t
BCKL
t
DISU
t
DIHD
t
BCKH
t
CKDO
t
HZDO
t
DOHZ
t
FSP
NOTES: Timing measurement reference level is (VIH/VIL)/2. Rising and falling time is measured from
10% to 90% of IN/OUT signal swing. Load capacitance of DOUT, FSO, FS, and BCK signal is 50pF.
0.5V
DD
0.5V
DD
0.5V
DD
0.5V
DD
0.5V
DD
t
FSOW
t
BFSO
FS
(output)
BCK
(output)
DIN
(input)
DOUT
(output)
FSO
(output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com