Electronic Components Datasheet Search
  English  ▼

X  

PT4502 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT4502
Description  20-W 24-V Input Isolated DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4502 Datasheet(HTML) 6 Page - Texas Instruments

  PT4502 Datasheet HTML 1Page - Texas Instruments PT4502 Datasheet HTML 2Page - Texas Instruments PT4502 Datasheet HTML 3Page - Texas Instruments PT4502 Datasheet HTML 4Page - Texas Instruments PT4502 Datasheet HTML 5Page - Texas Instruments PT4502 Datasheet HTML 6Page - Texas Instruments PT4502 Datasheet HTML 7Page - Texas Instruments PT4502 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
PT4522
PT4502
5.0Vdc
Va(req’d)
4.5
(12.6)k
4.55
(40.3)k
4.6
(75.0)k
4.65
(120.0)k
4.7
(179.0)k
4.75
(262.0)k
4.8
(387.0)k
4.85
(595.0)k
4.9
(1.01)M
4.95
5.0
5.05
5.1
1.06M
5.15
645.0k
5.2
437.0k
5.25
312.0k
5.3
229.0k
5.35
169.0k
5.4
125.0k
5.45
90.2k
5.5
62.4k
48V Bus
PT4529
PT4526
PT4527
PT4528
PT4521
24V Bus
PT4509
PT4506
PT4507
PT4508
PT4501
Vo(nom)
1.2Vdc
1.5Vdc
1.8Vdc
2.5Vdc
3.3Vdc
Va(req’d)
1.05
(15.1)k
1.1
(126.0)k
1.15
(458.0)k
1.2
1.25
543.0k
1.3
197.0k
1.35
81.1k
(2.8)k
1.4
(53.2)k
1.45
(204.0)k
1.5
1.55
1.3M
1.6
627.0k
1.65
404.0k
(51.7)k
1.7
(161.0)k
1.75
(489.0)k
1.8
1.85
1.28M
1.9
587.0k
1.95
355.0k
2.25
(26.5)k
2.3
(92.9)k
2.35
(203.0)k
2.4
(425.0)k
2.45
(1.09)M
2.5
2.55
1.09M
2.6
450.0k
2.65
237.0k
2.7
131.0k
2.75
67.7k
2.95
(90.7)k
3.0
(146.0)k
3.05
(224.0)k
3.1
(341.0)k
3.15
(536.0)k
3.2
(926.0)k
3.25
(2.09.0)M
3.3
3.35
1.19M
3.4
502.0k
3.45
272.0k
3.5
158.0k
3.55
88.7k
3.6
42.7k
3.65
9.9k
Table 2-2
DC/DC CONVERTER SERIES ADJUSTMENT RESISTOR VALUES
Series Pt #
R1 = (Blue)
R2 = Black
PT4523
PT4524
PT4503
PT4504
12.0Vdc
15.0Vdc
Va(req’d)
10.8
(276.0)k
11.0
(365.0)k
11.2
(497.0)k
11.4
(719.0)k
11.6
(1.16)M
11.8
12.0
12.2
588.0k
12.4
239.0k
12.6
123.0k
12.8
64.6k
13.0
29.7k
13.2
6.4k
13.5
(312.0)k
13.6
(345.0)k
13.8
(427.0)k
14.0
(542.0)k
14.2
(713.0)k
14.4
(1.0)M
14.6
(1.57)M
14.8
15.0
15.2
597.0k
15.4
253.0k
15.6
138.0k
15.8
81.0k
16.0
46.6k
16.5
0.8k
PT4500/4520 Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com