Electronic Components Datasheet Search
  English  ▼

X  

PT4503 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4503
Description  20-W 24-V Input Isolated DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4503 Datasheet(HTML) 1 Page - Texas Instruments

  PT4503 Datasheet HTML 1Page - Texas Instruments PT4503 Datasheet HTML 2Page - Texas Instruments PT4503 Datasheet HTML 3Page - Texas Instruments PT4503 Datasheet HTML 4Page - Texas Instruments PT4503 Datasheet HTML 5Page - Texas Instruments PT4503 Datasheet HTML 6Page - Texas Instruments PT4503 Datasheet HTML 7Page - Texas Instruments PT4503 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
Input Voltage Range:
18V to 40V
20W Rated
Output Voltages: 1.2V to 15V
82% Efficiency
1500 VDC Isolation
Low Profile (8.5 mm)
Adjustable Output Voltage
PT4500 Series
20-W 24-V Input Isolated
DC/DC Converter
SLTS153B - JUNE 2000 - REVISED OCTOBER 2002
Ordering Information
PT4501
H = 3.3V/5A (16.5W)
PT4502
H = 5.0V/4A
PT4503
H = 12V/1.6A
PT4504
H = 15V/1.3A
PT4506
H = 1.5V/5A (7.5W)
PT4507
H = 1.8V/5A (9W)
PT4508
H = 2.5V/5A (12.5W)
PT4509
H = 1.2V/5A (6W)
Pin-Out Information
Pin
Function
1
Remote On/Off *
2–Vin
3–Vin
4+Vin
5+Vin
6
Remote Sense (–)
7
–Vout
8
–Vout
9
+Vout
10
+Vout
11
Remote Sense (+)
12
Vout Adjust *
* For further information, see
application notes.
Description
The PT4500 Excalibur™ power modules
are a series of isolated DC/DC converters
housed a new space-saving copper case. The
series includes a number of standard output
voltages ranging from as low as 1.2VDC to
15VDC, each adjustable by up to 10% of
nominal. The modules are ideal for Telecom,
Industrial, Computer, and other distributed
power applications that require input-to-output
isolation.
Using multiple modules, system designers
can implement a complete custom power supply
solution. The flexibility of full isolation also
allows the input or output to be configured for
negative voltage operation.
The PT4500 series is electrically equivalent
to the popular PT4140 series and requires no
additional components for proper operation.
On/Off Control
Differential Remote Sense
Short Circuit Protection
Over Temperature Shutdown
Space Saving Package:
1.0 sq. in. PCB Area (Suffix N)
4×106 Hrs MTBF
PT4500
LOAD
4, 5
2, 3
1
9, 10
7, 8
11
6
12
Remote Sense (–)
Remote Sense (+)
+V
OUT
–V
OUT
V
OAdj
+V
IN
–V
IN
Remote
On/Off
Q
1
BSS138
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(ELJ)
Horizontal
A
(ELK)
SMD
C
(ELL)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)


Similar Part No. - PT4503

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PT4503 ASTRODYNE-PT4503 Datasheet
330Kb / 4P
45W Triple Output with 3.3Volts(DC) output
logo
Texas Instruments
PT4503 TI1-PT4503 Datasheet
410Kb / 9P
1500 VDC Isolation
More results

Similar Description - PT4503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3400 TI-PT3400 Datasheet
284Kb / 13P
35-W 48-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
30-W 24/48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
PT4681 TI-PT4681 Datasheet
290Kb / 13P
20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
20-W 24-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
20-W 48-V Input Isolated DC/DC Converter
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
20-A 24-V Input Dual Output Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
30-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
20-W 48-V Input Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-20Y BEL-RFT-20Y Datasheet
1Mb / 10P
20 W Isolated DC-DC Converter
16 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com