Electronic Components Datasheet Search
  English  ▼

X  

PT4507 Datasheet(PDF) 7 Page - Texas Instruments

Part # PT4507
Description  20-W 24-V Input Isolated DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4507 Datasheet(HTML) 7 Page - Texas Instruments

  PT4507 Datasheet HTML 1Page - Texas Instruments PT4507 Datasheet HTML 2Page - Texas Instruments PT4507 Datasheet HTML 3Page - Texas Instruments PT4507 Datasheet HTML 4Page - Texas Instruments PT4507 Datasheet HTML 5Page - Texas Instruments PT4507 Datasheet HTML 6Page - Texas Instruments PT4507 Datasheet HTML 7Page - Texas Instruments PT4507 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Using the Remote On/Off Function on the PT4500/
PT4520 Series of Isolated DC/DC Converters
For applications requiring output voltage on/off control,
the PT4500/4520 series of DC/DC converters incorporate
a remote on/off function. This function may be used in
applications that require battery conservation, power-up/
shutdown sequencing, and/or to coordinate the power-up
of the regulator for active in-rush current control. (See
the related application note, SLTA021).
This function is provided by the Remote On/Off control,
pin1. If pin 1 is left open-circuit, the converter provides
a regulated output whenever a valid source voltage3 is
applied between +Vin(pin 4, 5), and –Vin (pin 2, 3).
Connecting pin 1 to pin 2, or applying a low-level signal
to pin 1 (with respect to –Vin), 1 will disable the regulator
output 5.
Table 3-1 provides details of the interface requirements
for the Remote On/Off pin. Figure 3-1 shows how a discrete
MOSFET (Q1), may be referenced to the negative input
voltage rail and used with this control input.
Table 3-1 Inhibit Control Requirements 1
Parameter
Min
Max
Enable (VIH)
2.5V
(Open Circuit) 4
Disable (VIL)
–0.3V
0.8V
Notes:
1. The on/off control uses -Vin (pin 1), on the primary
side of the converter, as its ground reference. All
voltages specified are with respect to -Vin.
2. The on/off control internal circuitry is a high
impedance 10µA current source. The open-circuit
voltage may be as high as 8.3Vdc.
3. The PT4500/20 series incorporates an “Under-Voltage
Lockout” (UVLO) function. The UVLO prevents
operation of the converter when there is sufficient input
voltage to support a regulated output. Below the UVLO
threshold voltage, there is no output from the module
and the Remote On/Off control is inoperative.
4. The Remote On/Off input of the PT4500/20 series
must be controlled with a low-leakage (<100nA) open-
drain MOSFET.
Do not use a pull-up resistor.
5. When the converter output is disabled, the current
drawn from the input supply is typically reduced to
8mA (16mA maximum).
6. Keep the on/off transition to less than 1ms. This
prevents erratic operation of the ISR, whereby the
output voltage may drift un-regulated between 0V
and the rated output during power-up.
Figure 3-1
Turn-On Time:
The converter typically produces a fully
regulated output voltage within 35ms after the removal
of the low voltage signal from the Remote On/Off pin.
Using the circuit of Figure 3-1, Figure 3-2 shows the
output voltage and input current waveforms of a PT4521
after Q1 is turned off. The turn off of Q1 corresponds to
the drop in Q1 Vgs voltage. The waveforms were mea-
sured with a 48Vdc input voltage, and 2.75-A resistive
load.
Figure 3-2
+V
in
– V
in
+V
o
– V
o
Q1
BSS138
V
GS
Note 4
PT4500/4520
+ Vout
–Vout
+Vin
–Vin
Remote
On/Off
V
o (adj)
1
2, 3
4, 5
9,10
7, 8
6
PT4500/4520 Series
Vout (2V/Div)
Iin (0.2A/Div)
Q1 Vgs (10V/Div)
HORIZ. SCALE: 5ms/Div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com