Electronic Components Datasheet Search
  English  ▼

X  

RN2221 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN2221
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2221 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN2221 Datasheet HTML 1Page - Toshiba Semiconductor RN2221 Datasheet HTML 2Page - Toshiba Semiconductor RN2221 Datasheet HTML 3Page - Toshiba Semiconductor RN2221 Datasheet HTML 4Page - Toshiba Semiconductor RN2221 Datasheet HTML 5Page - Toshiba Semiconductor RN2221 Datasheet HTML 6Page - Toshiba Semiconductor RN2221 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RN2221~RN2227
2001-06-07
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2221,RN2222,RN2223
RN2224,RN2225,RN2226,RN2227
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l High current type (IC(MAX) = −800mA)
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Low VCE (sat)
l Complementary to RN1221~RN1227
Equivalent Circuit
Bias Resistor Values
Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2221~2227
VCEO
−50
V
RN2221~2224
−10
RN2225, 2226
−5
Emitter-base voltage
RN2227
VEBO
−6
V
Collector current
IC
−800
mA
Collector power dissipation
PC
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2221~2227
Tstg
−55~150
°C
JEDEC
―
EIAJ
―
TOSHIBA
2-4E1A
Weight: 0.13g
Unit: mm
Type No.
R1 (kΩ)R2 (kΩ)
RN2221
1
1
RN2222
2.2
2.2
RN2223
4.7
4.7
RN2224
10
10
RN2225
0.47
10
RN2226
1
10
RN2227
2.2
10


Similar Part No. - RN2221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN222 ETC2-RN222 Datasheet
691Kb / 5P
Current-compensated Chokes
logo
Schaffner International...
RN222-0.5-02-56M SCHAFFNER-RN222-0.5-02-56M Datasheet
1Mb / 9P
Current-compensated Chokes
RN222-0.6-02-47M SCHAFFNER-RN222-0.6-02-47M Datasheet
1Mb / 9P
Current-compensated Chokes
RN222-0.8-02-39M SCHAFFNER-RN222-0.8-02-39M Datasheet
1Mb / 9P
Current-compensated Chokes
RN222-1-02-18M SCHAFFNER-RN222-1-02-18M Datasheet
1Mb / 9P
Current-compensated Chokes
More results

Similar Description - RN2221

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com