Electronic Components Datasheet Search
  English  ▼

X  

6042005 Datasheet(PDF) 5 Page - SICK AG

Part # 6042005
Description  PRESSURE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6042005 Datasheet(HTML) 5 Page - SICK AG

  6042005 Datasheet HTML 1Page - SICK AG 6042005 Datasheet HTML 2Page - SICK AG 6042005 Datasheet HTML 3Page - SICK AG 6042005 Datasheet HTML 4Page - SICK AG 6042005 Datasheet HTML 5Page - SICK AG 6042005 Datasheet HTML 6Page - SICK AG 6042005 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PBS-RB060SG1SSNAMA0Z | PBS
PRESSURE SENSORS
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1204-G02M
6009382
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1204-G02MC
6025900
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1204-G05MC
6025901
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1204-G10M
6010543
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 10 m
DOL-1204-G10MC
6025902
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 15 m
DOL-1204-G15M
6010753
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 20 m
DOL-1204-G20M
6034401
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1204-W02M
6009383
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1204-W02MC
6025903
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-W05M
6009867
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1204-W05MC
6025904
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: drag chain use, Welding spark resistant, PUR, halogen-free, unshielded, 5 m
DOL-1204-W05MD
6020399
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1204-W10M
6010541
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 10 m
DOL-1204-W10MC
6025905
2016-07-27 14:33:08 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com