Electronic Components Datasheet Search
  English  ▼

X  

6049006 Datasheet(PDF) 3 Page - SICK AG

Part # 6049006
Description  PRESSURE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6049006 Datasheet(HTML) 3 Page - SICK AG

  6049006 Datasheet HTML 1Page - SICK AG 6049006 Datasheet HTML 2Page - SICK AG 6049006 Datasheet HTML 3Page - SICK AG 6049006 Datasheet HTML 4Page - SICK AG 6049006 Datasheet HTML 5Page - SICK AG 6049006 Datasheet HTML 6Page - SICK AG 6049006 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PBS-RB100SG1SSNFMA0Z | PBS
PRESSURE SENSORS
Housing material
Lower body: stainless steel 304, Plastic head: PC + ABS, Buttons: TPE-E, Display window: PC
Electrical connection
Round connector M12 x 1, 4-pin, IP 67
Supply voltage
Power consumption
Total current consumption
Max. 350 mA / 570 mA (incl. switching current)
Electrical safety
Insolation voltage
500 V DC
CE-conformity
Pressure equipment directive: This instrument is a pressure accessory as defined by the direc-
tive 97/23/EC, EMC directive: 2004/108/EC, EN 61326-2-3
Weight sensor
Approx. 200 g
Seal
NBR
Enclosure rating
IP 67
Protection class III
✔
Ambient data
Ambient temperature
–20 °C ... +80 °C
Storage temperature
–20 °C ... +80 °C
Relative humidity
≤ 90 %
Shock load
Vibration load
Classifications
ECl@ss 5.0
27371814
ECl@ss 5.1.4
27371814
ECl@ss 6.0
27371814
ECl@ss 6.2
27371814
ECl@ss 7.0
27371814
ECl@ss 8.0
27371814
ECl@ss 8.1
27371814
ECl@ss 9.0
27371814
ETIM 5.0
EC000243
ETIM 6.0
EC000243
UNSPSC 16.0901
41112409
2016-07-27 14:33:08 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com