Electronic Components Datasheet Search
  English  ▼

X  

ES2F Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # ES2F
Description  Surface Mount Glass Passivated Superfast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

ES2F Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  ES2F Datasheet HTML 1Page - GOOD-ARK Electronics ES2F Datasheet HTML 2Page - GOOD-ARK Electronics ES2F Datasheet HTML 3Page - GOOD-ARK Electronics ES2F Datasheet HTML 4Page - GOOD-ARK Electronics ES2F Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ES2A thru ES2J
Surface Mount Glass Passivated Superfast Rectifier
Reverse Voltage 50 to 600V Forward Current 2A
Features
• Glass passivated superfast recovery Rectifiers
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
VRRM
50
100
150
200
300
400
600
V
VRMS
35
70
105
140
210
280
420
V
VDC
50
100
150
200
300
400
600
V
IF(AV)
A
IFSM
A
I
2t
A
2sec
TJ, TSTG
°C
Maximum instantaneous
forward voltage
IF=2.0A
TA=25
VF
1.7
Volts
TA=25
TA=100
Maximum reverse recovery
time
IF=0.5A,IR=1.0A,
IRR=0.25A
trr
nS
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
R JA
R Jl
Notes:1. The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
Thermal Characteristics
Parameter
Symbol
Unit
Typical thermal resistance
(1)
/W
ES2A
ES2B
ES2C
ES2D
ES2F
ES2G
ES2J
75
25
Maximum DC reverse
current at rated DC
blocking voltage
IR
Rating for fusing(t<8.3ms)
Operating junction and storage temperature
range
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test
Conditions
Symbol
Unit
µA
ES2A
ES2B
ES2C
10.0
100
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average output rectified current
ES2A
25
20
ES2D
ES2F
ES2G
ES2J
0.95
1.3
ES2J
2.0
50
10.0
-55 to +150
ES2B
ES2C
ES2D
ES2F
ES2G
35
DO-214AA SMB
www.goodark.com
1/5
2015.08-Rev.B


Similar Part No. - ES2F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES2F GE-ES2F Datasheet
81Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
logo
List of Unclassifed Man...
ES2F ETC1-ES2F Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2F TSC-ES2F Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2F TSC-ES2F Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
TAITRON Components Inco...
ES2F TAITRON-ES2F Datasheet
229Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
More results

Similar Description - ES2F

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
GOOD-ARK Electronics
FU1 GOOD-ARK-FU1 Datasheet
372Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
FU6 GOOD-ARK-FU6 Datasheet
363Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
L2U1 GOOD-ARK-L2U1 Datasheet
194Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
L3U1 GOOD-ARK-L3U1 Datasheet
201Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
PU1 GOOD-ARK-PU1 Datasheet
372Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
SGC0303U GOOD-ARK-SGC0303U Datasheet
195Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
SGC0403U GOOD-ARK-SGC0403U Datasheet
200Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
SGC0503U GOOD-ARK-SGC0503U Datasheet
196Kb / 4P
Surface Mount Glass Passivated superfast recovery Rectifier
ES5A GOOD-ARK-ES5A Datasheet
319Kb / 4P
Surface Mount Glass Passivated Superfast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com