Electronic Components Datasheet Search
  English  ▼

X  

RT9808 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RT9808
Description  MICRO POWER VOLTAGE DETECTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9808 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RT9808 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9808 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9808 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9808 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9808 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9808 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9808 Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9808 Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9808 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary
RT9808
DS9808-01 January 2002
www.richtek-ic.com.tw
7
Nch Driver Output Current vs. Input Voltage
0
2
4
6
8
10
00.511.522.5
3
Input Voltage VIN (V)
-30 C
25 C
80 C
RT9808-20CV
VDS = 0.5V
°
°
°
Nch Driver Output Current vs. Input Voltage
0
2
4
6
8
10
00.5
11.5
22.5
3
Input Voltage VIN (V)
-30 C
25 C
80 C
RT9808-24CV
VDS = 0.5V
°
°
°
Nch Driver Output Current vs. Input Voltage
0
2
4
6
8
10
12
00.5
11.5
22.5
33.5
Input Voltage VIN (V)
-30 C
25 C
80 C
RT9808-30CV
VDS = 0.5V
°
°
°
Nch Driver Output Current vs. Input Voltage
0
2
4
6
8
10
12
14
16
01
23
45
Input Voltage VIN (V)
-30 C
25 C
80 C
RT9808-45CV
VDS = 0.5V
°
°
°
°
Nch Driver Output Current vs. Input Voltage
0
3
6
9
12
15
18
01
23
45
6
Input Voltage VIN (V)
-30 C
25 C
80 C
RT9808-50CV
VDS = 0.5V
°
°
Power-Up reset Timeout vs. Temp.
50
100
150
200
250
300
350
-40
-15
10
35
60
85
Temperture ( C)
3V
4.5V
5V
2.4V
2V
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com