Electronic Components Datasheet Search
  English  ▼

X  

FF7 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # FF7
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FF7 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  FF7 Datasheet HTML 1Page - GOOD-ARK Electronics FF7 Datasheet HTML 2Page - GOOD-ARK Electronics FF7 Datasheet HTML 3Page - GOOD-ARK Electronics FF7 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FF1 thru FF7
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1A
www.goodark.com
2/4
2014.02-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
25
30
1
1.2
5
10
15
20
25
0.2
0.4
0.6
0.8
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
100
100000
25℃
0
1
10
100
Number of Cycles at 60Hz
0
0
25
50
75
100 125 150
Lead temperature(℃)
10
Tj=25℃
f=1.0MHZ
Vsig=50mVp‐p
001
0.1
1
10
100
1000
10000
25℃
75℃
125℃
150℃
Figure 3. Typical Reverse Characteristics 
Figure 4. Typical Junction Capacitance
1
0.01
0.1
1
10
Reverse Voltage (V)
Vsig=50mVp‐p
10
0.001
0.01
0
20
40
60
80
100 120
Percent of  Rated Peak Reverse Voltage 
(%)
0.1
1
25℃
75℃
125℃
150℃
Figure 5. Typical Instantaneous Forward Characteristics 
0.01
0
0.4
0.8
1.2
1.6
2
Instantaneous Forward Voltage (V)
150℃
www.goodark.com
2/4
2014.02-Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com