Electronic Components Datasheet Search
  English  ▼

X  

P2A Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # P2A
Description  Surface Mount Glass Passivated Standard Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

P2A Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  P2A Datasheet HTML 1Page - GOOD-ARK Electronics P2A Datasheet HTML 2Page - GOOD-ARK Electronics P2A Datasheet HTML 3Page - GOOD-ARK Electronics P2A Datasheet HTML 4Page - GOOD-ARK Electronics P2A Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P1A thru P7A
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 50~1000V Forward Current 1A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non-Repetitive
Peak Forward Surge Current
Figure 3. Typical Reverse Characteristics
Figure 4. Typical Junction Capacitance
Figure 5. Typical Instantaneous Forward Characteristics
0
10
20
30
40
1
10
100
Number of Cycles at 60Hz
Ta=25℃
8.3ms single
half sine-wave
0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100 125 150
Lead temperature(℃)
1
10
100
0.1
1
10
Reverse Voltage (V)
Tj=25℃
f=1.0MHZ
Vsig=50mVp-p
0.01
0.1
1
10
0
0.3 0.6 0.9 1.2 1.5 1.8
Instantaneous Forward Voltage (V)
25℃
85℃
125℃
150℃
0.001
0.01
0.1
1
10
100
1000
10000
0
20
40
60
80
100 120
Percent of Rated Peak Reverse Voltage (%)
25℃
85℃
125℃
150℃
www.goodark.com
2/5
2016.03-Rev.A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com