Electronic Components Datasheet Search
  English  ▼

X  

NCP1399 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCP1399
Description  High Performance Current Mode Resonant Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1399 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCP1399 Datasheet HTML 17Page - ON Semiconductor NCP1399 Datasheet HTML 18Page - ON Semiconductor NCP1399 Datasheet HTML 19Page - ON Semiconductor NCP1399 Datasheet HTML 20Page - ON Semiconductor NCP1399 Datasheet HTML 21Page - ON Semiconductor NCP1399 Datasheet HTML 22Page - ON Semiconductor NCP1399 Datasheet HTML 23Page - ON Semiconductor NCP1399 Datasheet HTML 24Page - ON Semiconductor NCP1399 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
NCP1399 Series
www.onsemi.com
21
restart in such cases. The controller blanks the SKIP/REM
input information and pulls down the SKIP/REM input for
tREM_TIMER time during controller restart so that the
secondary side bias can be restored and the secondary
off−mode controller can activate the REM optocoupler. This
REM TIMER blank sequence is activated each time the
VCC pin voltage reaches VCC_ON threshold – except in the
situation when after IC left off−mode operation by standard
way and VCC is restored – i.e. when the REM optocoupler
is activated by the secondary off−mode controller.
The SKIP/REM input blanking is activated in following
cases:
• VCC pin voltage reaches VCC_ON threshold during first
start−up phase (i.e. when VCC was below VCC_RESET
threshold before)
• Auto−recovery timer elapsed and new start is initiated
The REM TIMER helps to assure fast application re−start
from fault conditions by forcing controller operation after
tREM_TIMER . However, the secondary controller drives the
remote pin via REM optocoupler during normal operating
conditions in order to switch between ON and OFF
operating modes. The controller is active for very short time
during no−load conditions − just during the time needed to
re−fill the secondary side capacitors to the nominal output
voltage level. In this case we do not use REM TIMER
because it would increase the no−load power consumption
by forcing the application to run for a longer time than
necessary. The REM TIMER blank period is thus not
activated in no−load conditions.
The bias on VCC pin needs to be assured when off−mode
operation takes place. The auxiliary winding is no more able
to provide any bias thus the HV startup current source is
operated in DSS mode – i.e. the VCC pin voltage is cycling
between VCC_ON and VCC_OFF thresholds. This approach
keeps IC biasing in order to memorize the current operation
sate.
Please refer to Figure 64 for an illustration on how the
NCP1399 Active ON off−mode system works under all
operating conditions/modes.
Active OFF Off−mode Control – NCP1399A Device
Family
The NCP1399A device family uses LLC FB pin voltage
information for off−mode operation detection − refer to
Figure 41. The SKIP/REM pin is internally connected to the
skip mode block in this case and serves as a VFB_SKIP_IN
threshold voltage adjust pin. The secondary off−mode
controller reuses the LLC stage regulation optocoupler in
order to reduce total system cost. The off−mode operation is
initiated once the LLC FB pin is pulled down below
VREM_ON threshold and the VCC pin voltage drops below
VCC_OFF threshold in the same time. The optocoupler has to
be active at all time the application is held in off−mode. No
biased is then provided by the secondary off−mode
controller during normal operation – this is why this
approach is called Active OFF off−mode operation. The
application no−load input power consumption is slightly
higher compared to Active ON off−mode solution,
previously described, because the optocoupler needs to be
biased during off mode operation
Figure 41. Active OFF Off−mode Internal Detection Based on the LLC FB Pin Voltage
The controller monitors the LLC FB pin voltage level and
restarts via regular startup sequence (including VCC pin
voltage ramp−up to VCC_ON level and soft−start) once the
FB pin is released by the secondary off−mode controller.
The HV startup current source is working in DSS mode
during application off−mode operation – i.e. the VCC pin
voltage is cycling between VCC_ON and VCC_OFF
thresholds. This approach keeps IC biased so that the actual
operation sate is memorized. The LLC FB pin pull−up
resistor is disconnected when off−mode operation is
activated in order to reduce IC power consumption and also
needed current for optocoupler driving from secondary side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com