Electronic Components Datasheet Search
  English  ▼

X  

P2F7 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # P2F7
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

P2F7 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  P2F7 Datasheet HTML 1Page - GOOD-ARK Electronics P2F7 Datasheet HTML 2Page - GOOD-ARK Electronics P2F7 Datasheet HTML 3Page - GOOD-ARK Electronics P2F7 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PF27/P2F7
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 1000V Forward Current 2A
Features
• Glass passivated fast recovery rectifiers
• Heatsink structure
• Low profile, typical thickness 0.8mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies, and other consumer applications.
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
I
2t
A
2sec
TJ,
TSTG
°C
Minimum Breakdown voltage
Ta=25℃,IR=100uA
VBR
Maximum instantaneous
forward voltage
IF=2 A,TA=25℃
VF
TA=25
℃
TA=125
℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
juntion to ambient
RθJA1)
juntion to lead
RθJL1)
juntion to case
RθJC2)
Note:1),The thermal resistance from junction to ambient or lead, mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
2),The thermal resistance from junction to case, mounted on P.C.B with recommended copper pads,2 OZ,FR4 PCB
1000
V
Maximum reverse recovery
time
trr
250
nS
10
Typical thermal resistance
60
℃/W
10
35
1.3
Maximum DC reverse current
at rated DC blocking voltage
IR
1
µA
50
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
PF27/P2F7
Unit
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
60
Rating for fusing(t<8.3ms)
15.0
Operating junction and storage temperature range
- 55 to + 150
Maximum RMS voltage
700
Maximum DC blocking voltage
1000
Maximum average forward rectified current
2.0
Maximum repetitive peak reverse voltage
1000
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
PF27/P2F7
Unit
iSGA
(SOD-123HS)
www.goodark.com
1/4
2015.06-Rev.A


Similar Part No. - P2F7

ManufacturerPart #DatasheetDescription
logo
nVent Electric plc
P2F10125 NVENT-P2F10125 Datasheet
992Kb / 8P
Frames
P2F1064 NVENT-P2F1064 Datasheet
992Kb / 8P
Frames
P2F1065 NVENT-P2F1065 Datasheet
992Kb / 8P
Frames
P2F1066 NVENT-P2F1066 Datasheet
992Kb / 8P
Frames
P2F1085 NVENT-P2F1085 Datasheet
992Kb / 8P
Frames
More results

Similar Description - P2F7

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1 GOOD-ARK-L3F1 Datasheet
194Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com