Electronic Components Datasheet Search
  English  ▼

X  

ML100.105 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # ML100.105
Description  MiniLine with DC 48-56V / 100W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ML100.105 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  ML100.105 Datasheet HTML 1Page - Red Lion Controls. Inc ML100.105 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
8
16
24
32
40
48
56
64
0
1
2
3
4
5
Output current Iout [A]
X Input
Input voltage
AC 100-120/220-240V (Auto Select), 47...63 Hz
(AC 85...132V / AC 184...264V,
DC 220...375V, N= + and L= - )
Input current
<2.1A (@ AC 100Vin, 100W Pout)
<1A (@ AC 220Vin, 100W Pout)
External fusing
not required, unit provides internal fuse
(T3A15H, not accessible)
Transient immunity
Transient resistance acc. to VDE 0160 / W2
(750V/ 1.3 ms), over entire load range
Hold-up time
(see diagram below)
>40 ms @ AC 230V, 48V / 2.1A
>20 ms @ AC 196V, 48V / 2.1A
>20 ms @ AC 100V, 48V / 2.1A
X Efficiency, Reliability
Efficiency
Losses
typ. 91%
(AC 230V, 48V / 2.1A)
(see also diagram below)
typ. 10W
(AC 230V, 48V / 2.1A)
MTBF (Reliability)
appr. 500.000 h acc. to Siemensnorm SN 29500
48V / 2.1A, AC 230V, Tamb = +40 °C)
Prior to shipment, every unit undergoes the following tests in order to
isolate any defective units which might suffer an early failure:
• Run-in / burn-in (Full load, Tamb = +60°C, on/off cycle)
• Functional test (100 %)
X Construction, Mechanics, Installation
Robust plastic housing (US Patent No. D442, 923S), fine ventilation grid
on three housing sides to keep out small parts (e.g. screws), IP20
Dimensions and weight
• W x H x D
• Weight
73 mm x 75 mm x 103 mm (+ DIN rail)
Depth incl. terminals: 98 mm (+ DIN rail)
360 g
Mounting orientation
,
or
(cf. ’Output’)
Ventilation/Cooling
• Free space f. cooling
Normal convection, no fan required
recom’d.: 25mm on sides with ventilation grid
Easy snap-on mounting onto the DIN-rail (TS35/7,5 or TS35/15).
Unit sits safely and firmly on the rail; no tools required even to remove
Connection
by Spring Clamp terminals; uniformly firm hold,
vibration-resistant and maintenance-free:
2 terminals per output
Connector size range
• flexible cable
• solid cable
• Wire strip length
0.3-2.5mm2 (28-12 AWG)
0.3-4mm2 (28-12 AWG)
Ferrules admissible
6mm (0.24in) recommended
Design details – for your advantage:
• All terminals are easy to reach as mounted on the front panel.
• Input and output are strictly apart from each other (input below, out-
put above) and so cannot be mixed up.
• Mounting and connection do not require any screwdriver
→
Easy, quick, durable and reliable installation.
X Diagrams
83
84
85
86
87
88
89
90
91
92
93
0,5
0,75
1
1,25
1,5
1,75
2
2,1
Output current Iout [A]
230 VACin
115 VACin
0
20
40
60
80
100
120
-10
0
10
20
30
40
50
60
70
Ambient temperature [°C]
0
20
40
60
80
100
120
140
160
80
120
160
200
240
280
Input voltage VACin [V]
Pout=100W, typ.
Pout=100W, min.
Pout=50W, typ.
Pout=50W, min.
Output characteristic Vout/Iout
(min.)
Efficiency
Hold-up time with ACin
(@ Vout = 48V, typ.)
(at Vout = 48V, typ. + min.)
Derating
of output power
Mounting
85-132 V ACin A-a A-b A-b
185-264 V ACin A-a A-b A-b
220-375 V DCin A-a A-b A-b
a
b
A
X Output
Output voltage
• preset
DC 48-56V (adj. by front panel potentiometer)
48V ± 0.5% @ 2.1A
Voltage regulation
stat. <1% Vout (Jumper in pos. 'Single Use')
stat. <3% Vout (Jumper in pos. 'Parallel Use'),
dyn. ±1.5% Vout over all
Ripple/Noise
<50mVPP (20 MHz bandw., 50 Ω measurem.)
Overvoltage prot. (OVP) <60V
Rated continuous
loading
up to 2.1A @ 48V / 1.8A @ 56V (convection cool-
ing), depending on built-in orientation,
Vin and Tamb
For details see derating diagram below
Overload behaviour
PULS Overload Design™: No switch-off at
overload/short-circuit, instead: up to 1.9 ⋅ Irated.
So you need no oversizing to start awkward
loads.
Protection
Unit is protected against (also permanent) short-
circuit, overload and open-circuit.
Derating
depending on built-in orientation;
see diagram below
Parallel operation
yes (selectable by front panel jumper)
Power back immunity
63V
Operating indicator
Green LED
X Environmental Data, EMC, Safety
Ambient temperature range (measured 25 mm below unit)
• storage/transport
• operation
-25°C ... +85°C
-10°C ... +70°C (for derating see diagram below)
Humidity
max. 95% (without condensation)
Electromagnetic
emissions (EME)
EN 61000-6-3 (includes EN 61000-6-4)
Class B (EN 55011, EN 55022)
EN 61000-3-2 (PFC)
Electromagnetic
immunity (EMI)
EN 61000-6-2 (includes EN 61000-6-1)
Safe low voltage:
Prot. class/degree:
SELV (EN 60950, VDE0100/T.410), PELV (EN 50178)
Class 1 (EN 60950) / IP20 (EN 60529)
This unit fulfills all major safety approvals for EU (EN 60 950, EN 60204-
1, EN 50178), USA (UL 60950, E137006, UL508 LISTED, E198865), Canada
(CAN/CSA-C22.2 No 60950 [CUR], CAN/CSA-C22.2 No. 14 [CUL]), CB Scheme
(IEC 60950).
Technical Data ML100.105
Product information (ML100e105), Rev.: 4. May 2004. Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time. They
are subject to change without prior notice.
PULS GmbH, Arabellastraße 15, D-81925 München X Tel: +49.(0)89.9278-244, Fax: +49.(0)89.9278-199, E-Mail: sales@puls-power.com X www.puls-power.com
Spri
ng C
lam
ps
Vin = AC 115/230V
Vin = AC 115/230V
'Single Use'
'Parallel Use'



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com