Electronic Components Datasheet Search
  English  ▼

X  

CS5.241 Datasheet(PDF) 19 Page - Red Lion Controls. Inc

Part # CS5.241
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS5.241 Datasheet(HTML) 19 Page - Red Lion Controls. Inc

Back Button CS5.241 Datasheet HTML 12Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 13Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 14Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 15Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 16Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 17Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 18Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 19Page - Red Lion Controls. Inc CS5.241 Datasheet HTML 20Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C–Series
24V, 5A, SINGLE PHASE INPUT
Dec. 2006 / Rev. 1.3 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
19/20
25.9. EXTERNAL INPUT PROTECTION
The unit is tested and approved for branch circuits up to 20A. External protection is only required if the supplying
branch has an ampacity greater than this. In some countries local regulations might apply. Check also local codes and
local requirements.
If an external fuse is necessary or utilized, a minimum value is required to avoid undesired tripping of the fuse.
B-Characteristic
C-Characteristic
Ampacity
max.
20A
20A
min.
10A
6A
25.10.OPERATION ON TWO PHASES
Fig. 25-6 Schematic for two phase operation
Fuse
L2
L1
L3
L
N
PE
Power Supply
AC
DC
internal
fused
Instructions for two phase operation:
a)
A phase to phase connection is allowed as long as the
supplying voltage is below 240V+10%.
b)
Use a fuse or a circuit breaker to protect the N input. The
N input is internally not protected and is in this case
connected to a hot wire.
Appropriate fuses or circuit breakers are specified in section 25.9
“External Input Protection”.
25.11.USE IN A TIGHTLY SEALED ENCLOSURE
When the power supply is installed in a tightly sealed enclosure, the temperature inside the enclosure will be higher
than outside. The inside temperature defines the ambient temperature for the power supply.
Results from such an installation:
Power supply is placed in the middle of the box, no other heat producer inside the box
Enclosure:
Rittal Type IP66 Box PK 9516 100, plastic, 110x180x165mm
Load:
24V, 4A; (=80%) load is placed outside the box
Input:
230Vac
Temperature inside the box:
44.3°C (in the middle of the right side of the power supply with a distance of 2cm)
Temperature outside the box:
23.3°C
Temperature rise:
21K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com