Electronic Components Datasheet Search
  English  ▼

X  

MIL318 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # MIL318
Description  Military-Rated Gigabit Industrial Connectivity
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

MIL318 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  MIL318 Datasheet HTML 1Page - Red Lion Controls. Inc MIL318 Datasheet HTML 2Page - Red Lion Controls. Inc MIL318 Datasheet HTML 3Page - Red Lion Controls. Inc MIL318 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Military-Rated Gigabit Industrial Connectivity Features
ENHANCED SECURITY
Red Lion’s Sixnet MIL318 provides enhanced
security features for connectivity and access
control, including ACLs, authentication and port-
level security with IEEE 802.1X. Access Control
Lists (ACLs) can be used to restrict access to
sensitive network resources by denying packets
based on L2/L3/L4 headers. SSH and RADIUS
authentication protect data communications and
ensure data privacy. IEEE 802.1X port-based
access control ensures dynamic, port-based
security and user authentication for network
access. IP source guard prevents a malicious
user from spoofing or taking over another user’s
IP address by creating a binding table between
client’s IP and MAC address, port and VLAN.
ADVANCED ROUTING
Red Lion’s Sixnet MIL318 supports hardware-
based IPv6 and IPv4 routing for maximum
performance. The switches provide a seamless
migration path from IPv4 to IPv6 for future
network upgrades and investment protection.
Advanced routing protocols such as RIP and
OSPF provide dynamic routing by exchanging
routing information with other Layer 3 switches
or routers. Multicast routing is supported under
independent multicast protocols, including PIM-
DM and PIM-SM.
COMPREHENSIVE QoS
Red Lion’s Sixnet MIL318 offers advance QoS for
marking, classification and scheduling to deliver
best-in-class performance for data, voice and
video traffic at wire speed. Eight egress queues
per port enable differentiated management
of up to eight traffic types across the stack.
Traffic is prioritized according to 802.1p, DSCP,
IP precedence and TCP/UDP port number to
provide optimal performance for
real-time applications. Weighted Round Robin
(WRR) and strict priority ensure differential
prioritization of packet flows and avoid
congestion of ingress and egress queues. With
bidirectional rate-limiting, per port or traffic class,
the MIL318 preserves network bandwidth and
allows full control of network resources.
Layer 2
• Spanning Tree Protocol (STP per IEEE
802.1D) plus
– IEEE 802.1w Rapid Spanning Tree Protocol
(RSTP)
– IEEE 802.1s Multiple Spanning Tree
Protocol (MSTP)
– Loopback detection
– Auto edge port
– BPDU filter/guard
• Virtual Local Area Network (VLAN)
– IP subnet based VLAN
– Private VLAN isolated
– Private VLAN
– GVRP/GARP
– 802.1v protocol
– Voice VLAN
– VLAN translation
– IPv6 VLANs
– VLAN trunking
• Jumbo Frame: 9K
• IGMP Snooping v1/v2/v3
• Select Q-in-Q
Layer 3
• Host table: 8K
• Route table: 8K
• Static route table: 512
• Multicast table: 1K
• Unicast routing
– Static unicast routes
– RIP v1/v2
– OSPF
– BGP
• Multicast routing
– PIM-DM
– PIM-SM
– IGMP v1/v2/v3
– IGMP v3 proxy
• IP redundancy
• Proxy ARP
• UDP Helper
Switch Properties
• Ethernet Ports:
– 12 x 10/100/1000 Mbps (copper)
– 4 x 1000 Mbps (copper or fiber)
– C = Copper link up to 100m
– M = 850nm; multimode; up to 300m
– S = 1310nm; singlemode; up to 6km
– Other options available
– 2 x 10G 10,000 Mbps (fiber)
– M = 850nm; multimode; up to 180m
– S = 1310nm; singlemode; up to 6km
– Other options available
• Switching capacity: 128 Gbps/176 Gbps
• Forwarding Rate: 95.2 Mpps/130.9 Mpps
• MAC Address Table Size: 16K
• Packet Buffer Size: 2 MB
Security
• Port security
• IP Source Guard
• Supports IEEE 802.1X port-based and
MAC-based access control
• IP filter configuration for management
interface (SNMP, Telnet, Web)
• RADIUS authentication
• Access Control List
• SSH v2
• HTTPS/SSL
• MAC filter
• Dynamic ARP Inspection
• Link detection package protection
Management
• Switch Management
– CLI via console port or Telnet
– Web management
– SNMP v1, v2c, v3
– IGMP snooping (v1/v2)
• Firmware and Configuration:
– CLI via console port or Telnet
– Web management
– SNMP v1, v2c, v3
– IGMP snooping (v1/v2)
• Supports RMON (groups 1, 2, 3 and 9)
• Supports BOOTP, DHCP for IP address
assignment
• DHCP Snooping
• DHCP option 66, 67
• Supports SNTP
• Supports event/error log, system log
• Cable diagnostics
• ATC traffic control
• Delay reload
• sFlow
• CPU Process Utilization
• Cable Diagnostic
• IP Clustering
• Port Mirroring
QoS
• Priority Queues: 8 hardware
queues per port
• Traffic classification based on
IEEE 802.1p CoS, IP Precedence,
DSCP, TCP/UDP port number,
ACL and marking
• DiffServ
• Supports WRR and strict priority
• Port rate limiting
IPv6
• IPv4/IPv6 Dual Protocol Stack
• IPv6 Address Types: Unicast, Multicast
• ICMPv6
• ICMPv6 Redirect
• IPv6 Path MTU Discovery
• IPv6 Neighbor Discovery
• SNMP over IPv6
• HTTP over IPv6
• SSH over IPv6
• Support IPv6 Telnet
• Support IPv6 DNS Resolver
• Support IPv6 syslog
• Support IPv6 SNTP
• Support IPv6 TFTP
• Remote IPv6 ping
• Ping over IPv6
• Trace route over IPv6
• IPv6 DHCP relay
• sFlow over IPv6
• IPv6 ACL
• IPv6 DiffServ
• PIM-DMv6
• PIM-SMv6
• MVRv6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com