Electronic Components Datasheet Search
  English  ▼

X  

MSN6002D Datasheet(PDF) 2 Page - MORE Semiconductor Company Limited

Part # MSN6002D
Description  600V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN6002D Datasheet(HTML) 2 Page - MORE Semiconductor Company Limited

  MSN6002D Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN6002D Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN6002D Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN6002D Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN6002D Datasheet HTML 5Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
5.5
/W
℃
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
600
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=600V,VGS=0V
-
-
25
μA
Gate-Body Leakage Current
IGSS
VGS=±30V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
2
4
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.0A
-
5.0
Ω
Forward Transconductance
gFS
VDS=40V,ID=1.0A
2.45
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
315
-
PF
Output Capacitance
Coss
-
38
-
PF
Reverse Transfer Capacitance
Crss
VDS=25V,VGS=0V,
F=1.0MHz
-
14
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
12
-
nS
Turn-on Rise Time
tr
-
15
-
nS
Turn-Off Delay Time
td(off)
-
41
-
nS
Turn-Off Fall Time
tf
VDD=300V,ID=2A,RL=25Ω
VGS=10V,RG=2.5Ω
-
16
-
nS
Total Gate Charge
Qg
-
15
nC
Gate-Source Charge
Qgs
-
2.6
nC
Gate-Drain Charge
Qgd
VDS=480V,I D=2A,
VGS=10V
-
6.7
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=2.0A
-
1.4
V
Diode Forward Current
(Note 2)
IS
-
-
2.0
A
Reverse Recovery Time
trr
-
180
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF = 2.0A
di/dt = 100A/
μs
(Note3)
-
0.72
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t
≤ 10 sec.
3. Pulse Test: Pulse Width
≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
5. EAS condition: j=25℃,VDD=50V,VG=10V,L=0.5mH,Rg=25Ω
MORE Semiconductor Company Limited
http://www.moresemi.com
2/5
MSN6002D
C
μ
-
-
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com