Electronic Components Datasheet Search
  English  ▼

X  

MSN6002Z Datasheet(PDF) 5 Page - MORE Semiconductor Company Limited

Part # MSN6002Z
Description  600V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN6002Z Datasheet(HTML) 5 Page - MORE Semiconductor Company Limited

  MSN6002Z Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN6002Z Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN6002Z Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN6002Z Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN6002Z Datasheet HTML 5Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MORE Semiconductor Company Limited
http://www.moresemi.com
5/5
MSN6002Z
TO-251 Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
2.200
2.400
0.087
0.094
A1
1.050
1.350
0.042
0.054
B
1.350
1.650
0.053
0.065
b
0.500
0.700
0.020
0.028
b1
0.700
0.900
0.028
0.035
c
0.430
0.580
0.017
0.023
c1
0.430
0.580
0.017
0.023
D
6.350
6.650
0.250
0.262
D1
5.200
5.400
0.205
0.213
E
5.400
5.700
0.213
0.224
e
2.300 TYP
0.091 TYP
e1
4.500
4.700
0.177
0.185
L
7.500
7.900
0.295
0.311



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com