Electronic Components Datasheet Search
  English  ▼

X  

US1JDFQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # US1JDFQ
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1JDFQ Datasheet(HTML) 1 Page - Diodes Incorporated

  US1JDFQ Datasheet HTML 1Page - Diodes Incorporated US1JDFQ Datasheet HTML 2Page - Diodes Incorporated US1JDFQ Datasheet HTML 3Page - Diodes Incorporated US1JDFQ Datasheet HTML 4Page - Diodes Incorporated US1JDFQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US1JDFQ / US1MDFQ
Document number: DS38447 Rev. 2 - 2
1 of 5
www.diodes.com
May 2016
© Diodes Incorporated
US1JDFQ / US1MDFQ
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF(MAX) (V)
IR(MAX) (µA)
600, 1000
1
1.7
5
Description and Applications
The US1JDFQ and US1MDFQ are rectifiers packaged in the low
profile D-FLAT package. Providing ultra-fast recovery time for high
efficiency, this device is ideal for use in applications such as:
Reverse Protection
Switching
Blocking
Features and Benefits
Glass Passivated Die Construction
Ultra-Fast Recovery Time for High Efficiency
Surge Overload Rating to 30A Peak
High Current Capability
Low Profile Design, Package Height Less than 1.1mm
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: D-FLAT
Case Material: M
olded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.035 grams (Approximate)
Ordering Information (Note 5)
Part Number
Qualification
Case
Packaging
US1JDFQ-13
Automotive
D-FLAT
10,000/Tape & Reel
US1MDFQ-13
Automotive
D-FLAT
10,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Green
Top View
D-FLAT
U1J or U1M = Product Type Marking Code
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 6 for 2016)
WW = Week Code (01 to 53)
AB = Foundry and Assembly Code


Similar Part No. - US1JDFQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
US1JDF DIODES-US1JDF Datasheet
489Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
May 2016
US1JDF-13 DIODES-US1JDF-13 Datasheet
508Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 8
US1JDF-13 DIODES-US1JDF-13 Datasheet
489Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
May 2016
US1JDF DIODES-US1JDF_15 Datasheet
508Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 8
More results

Similar Description - US1JDFQ

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 11
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 3
US1NWF DIODES-US1NWF Datasheet
437Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com