Electronic Components Datasheet Search
  English  ▼

X  

LSL23 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LSL23
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LSL23 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LSL23 Datasheet HTML 1Page - GOOD-ARK Electronics LSL23 Datasheet HTML 2Page - GOOD-ARK Electronics LSL23 Datasheet HTML 3Page - GOOD-ARK Electronics LSL23 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LSL22 thru LSL24
Surface Mount Schottky Rectifier
Reverse Voltage 20~40V Forward Current 2A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies, and other consumer applications.
VRRM
20
30
40
V
VRMS
14
21
28
V
VDC
30
30
40
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
Maximum instantaneous
forward voltage
IF=2A, Tj=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to lead
RθJL
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 0.315×0.315〃(8.0×8.0mm)copper pads
0.43
Maximum DC reverse current
at rated DC blocking voltage
IR
0.5
160
30
mA
30
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
LSL22
LSL23
LSL24
Unit
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
50
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LSL22
LSL23
LSL24
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
eSGB (SMAF)
www.goodark.com
1/4
2014.12-Rev.A


Similar Part No. - LSL23

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LSL210T GOOD-ARK-LSL210T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
LSL28T GOOD-ARK-LSL28T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
logo
OSRAM GmbH
LSL296 OSRAM-LSL296 Datasheet
246Kb / 15P
SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSL296-N1Q2-1 OSRAM-LSL296-N1Q2-1 Datasheet
246Kb / 15P
SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LSL23

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com