Electronic Components Datasheet Search
  English  ▼

X  

TA2153FN Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TA2153FN
Description  RF Amplifier for Digital Servo CD System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2153FN Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TA2153FN Datasheet HTML 1Page - Toshiba Semiconductor TA2153FN Datasheet HTML 2Page - Toshiba Semiconductor TA2153FN Datasheet HTML 3Page - Toshiba Semiconductor TA2153FN Datasheet HTML 4Page - Toshiba Semiconductor TA2153FN Datasheet HTML 5Page - Toshiba Semiconductor TA2153FN Datasheet HTML 6Page - Toshiba Semiconductor TA2153FN Datasheet HTML 7Page - Toshiba Semiconductor TA2153FN Datasheet HTML 8Page - Toshiba Semiconductor TA2153FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TA2153FN
2003-01-18
6
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Voltage gain 1
(normal mode)
Gv1
¾
GVSW
= VCC
4.3
4.8
5.3
Voltage gain 2
(CD-RW mode)
Gv2
¾
f
= 1 kHz
RNF = 91 kW
RFI = 47 kW
GVSW
= GND
19.3
21.6
23.9
V/V
Gain balance 1
(normal mode)
GB1
¾
GVSW
= VCC
-1.0
¾
1.0
Gain balance 2
(CD-RW mode)
GB2
¾
f
= 1 kHz
RNF = 91 kW
RFI = 47 kW
GVSW
= GND
-1.0
¾
1.0
dB
Frequency band width
fc
¾
-3dB point
¾
26.5
¾
kHz
Output offset voltage 1
(normal mode)
VOS1
¾
GVSW
= VCC
-20
¾
20
Output offset voltage 2
(CD-RW mode)
VOS2
¾
RNF = 91 kW
RFI = 47 kW
VR Reference
Input: VR short
GVSW
= GND
-50
¾
50
mV
Upper limit output voltage
VOH
¾
GND Reference
3.8
¾
¾
Lower limit output voltage
VOL
¾
GND Reference
¾
¾
0.5
V
FE
Permissive load
resistance
RLM
¾
¾
10
¾
¾
k
W
Voltage gain 1
(normal mode)
Gv1
¾
GVSW
= VCC
10.9
12.3
13.5
Voltage gain 2
(CD-RW mode)
Gv2
¾
f
= 1 kHz
RFN = 100 KW
RTI = 47 kW
GVSW
= GND
50
56
60
V/V
max voltage
ratio
TEB
= GND
40
45
50
Voltage
gain
adjustable
range
min voltage
ratio
DGv
¾
TNI input
TEB
= VR
Reference
TEB
= 2VR
-50
-45
-40
%
Gain balance 1
(normal mode)
GB1
¾
GVSW
= VCC
-1.0
¾
1.0
Gain balance 2
(CD-RW mode)
GB2
¾
f
= 1 kHz
RNF = 100 kW
RFI = 47 kW
TEB
= VR
GVSW
= GND
-1.0
¾
1.0
dB
Frequency characteristic
cut-off frequency
fc
¾
RNF
= 100 kW
-3dB point
¾
44
¾
kHz
Output offset voltage
(normal mode)
VOS1
¾
GVSW
= VCC
-80
¾
80
Output offset voltage
(CD-RW mode)
VOS2
¾
RNF = 100 kW
RFI = 47 kW
VR Reference
Input: VR short
GVSW
= GND -300
¾
300
mV
Upper limit output voltage
VOH
¾
GND Reference
3.8
¾
¾
Lower limit output voltage
VOL
¾
GND Reference
¾
¾
0.5
V
TE
Permissive load
resistance
RLM
¾
¾
10
¾
¾
k
W
Voltage gain 1
(normal mode)
Gv1
¾
GVSW
= VCC
2.0
2.7
3.4
Voltage Gain 2
(CD-RW mode)
Gv2
¾
f
= 1 kHz
RTI = 47 kW
TEB
= VR
GVSW
= GND
9.0
12.2
15.3
V/V
Frequency Band Width
fc
¾
-3dB point
¾
44
¾
kHz
Operation reference
voltage 1 (normal mode)
VOPR1
¾
GVSW
= VCC
-1.15
-1.05
-0.95
Operation reference
voltage 2 (CD-RW mode)
VOPR2
¾
VR Reference
RTI = 47 kW
Input: VR short
GVSW
= GND
-1.0
-0.9
-0.8
V
Upper limit output voltage
VOH
¾
GND Reference
3.8
¾
¾
Lower limit output voltage
VOL
¾
GND Reference
¾
¾
1.3
V
SBAD
Permissive load
resistance
RLM
¾
¾
10
¾
¾
k
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com