Electronic Components Datasheet Search
  English  ▼

X  

TCM1617EV Datasheet(PDF) 1 Page - Microchip Technology

Part # TCM1617EV
Description  SMBus Thermal Sensor with External Diode Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617EV Datasheet(HTML) 1 Page - Microchip Technology

  TCM1617EV Datasheet HTML 1Page - Microchip Technology TCM1617EV Datasheet HTML 2Page - Microchip Technology TCM1617EV Datasheet HTML 3Page - Microchip Technology TCM1617EV Datasheet HTML 4Page - Microchip Technology TCM1617EV Datasheet HTML 5Page - Microchip Technology TCM1617EV Datasheet HTML 6Page - Microchip Technology TCM1617EV Datasheet HTML 7Page - Microchip Technology TCM1617EV Datasheet HTML 8Page - Microchip Technology TCM1617EV Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
TCM1617
TCM1617-1 2/5/99
 2001 Microchip Technology Inc.
DS21485A
SMBus Thermal Sensor with External Diode Input
FEATURES
s
Includes Internal External Sensing Capability
s
Outputs Temperature as 8-Bit Digital Word
s
Solid State Temperature Sensing; 1
°C Resolution
s
3.0 – 5.5V Operating Range
s
Independent Internal and External Threshold
Set-Points With ALERT# Interrupt Output
s
SMBus 2-Wire Serial Interface
s
Up To Nine TCM1617s May Share the Same Bus
s
Standby Mode for Low Standby Power
s
Low Power ............................ 70
µA (max) Operating
...................................... 10
µA (max) Standby Mode
s
16-Pin Plastic QSOP Package
TYPICAL APPLICATIONS
s
Thermal Protection For Intel “Deschutes”
Pentium II™ and Other High Performance CPUs
with Integrated On-Board Diode — No Sensor
Mounting Problems!
s
Accurate Thermal Sensing From Any Si Junction
Diode
s
Thermal Management in Electronic Systems:
Computers, Network Equipment, Power Supplies
GENERAL DESCRIPTION
The TCM1617 is a serially programmable temperature
sensor optimized for monitoring modern high performance
CPUs with on-board integrated thermal diodes. Tempera-
ture data is converted from the CPU’s thermal diode outputs
and made available as an 8-Bit digital word.
Communication with the TCM1617 is accomplished via
the standard System Management Bus (SMBus) commonly
used in modern computer systems. This permits reading the
current internal/external temperature, programming the
threshold setpoints, and configuring the device. Addition-
ally, an interrupt is generated on the ALERT# pin when
temperature moves outside the preset threshold windows in
either direction.
A Standby command may be sent via the SMBus by
signaling the STBY# input to activate the low-power Standby
mode. Registers can be accessed while in Standby mode.
Address selection inputs allow up to nine TCM1617s to
share the same 2-wire SMBus for multi-zone monitoring.
All registers can be read by the host, and both polled and
interrupt driven systems are easily accommodated. Small
size, low installed cost, and ease of use make the TCM1617
an ideal choice for implementing sophisticated system man-
agement schemes, such as ACPI.
ORDERING INFORMATION
Part No.
Package
Temp. Range
TCM1617MQR
QSOP-16
–55
°C to +125°C
TCM1617EV
Evaluation Kit for TCM1617
BLOCK DIAGRAM
PIN CONFIGURATION
EVALUATION
KIT
AVAILABLE
Register Set
∆∑
Modulator
Control
Logic
SMBus
Interface
ALERT#
STBY#
SCL
SDA
ADD 0
ADD 1
D+
D–
Ext. Temp
Status Byte
Config. Byte
Conv. Rate
Ext. Hi Limit
Ext. Lo Limit
Int. Hi Limit
Int. Lo Limit
Int. Temp
Internal
Sensor
(Diode)
16-Pin Plastic QSOP
1
16
215
314
413
512
611
710
NC
D–
89
VDD
NC
GND
GND
SCL
STBY#
NC
SDA
ALERT#
ADD0
NC
D+
TCM1617
NC
ADD 1


Similar Part No. - TCM1617EV

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TCM1608 TDK-TCM1608 Datasheet
39Kb / 2P
Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1608-201-4P TDK-TCM1608-201-4P Datasheet
39Kb / 2P
Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1608-350-4P TDK-TCM1608-350-4P Datasheet
39Kb / 2P
Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1608-650-4P TDK-TCM1608-650-4P Datasheet
39Kb / 2P
Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1608-900-4P TDK-TCM1608-900-4P Datasheet
39Kb / 2P
Common Mode Filters(SMD) For High-speed Differential Signal Line
More results

Similar Description - TCM1617EV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
MC1066 ONSEMI-MC1066 Datasheet
196Kb / 16P
ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
LM32 NSC-LM32 Datasheet
340Kb / 24P
Dual Thermal Diode Temperature Sensor with SensorPath Bus
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
ams AG
TSL2550 AMSCO-TSL2550 Datasheet
703Kb / 21P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95221 TI-LM95221_15 Datasheet
1,006Kb / 25P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com