Electronic Components Datasheet Search
  English  ▼

X  

THS4500ID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4500ID
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4500ID Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4500ID Datasheet HTML 3Page - Texas Instruments THS4500ID Datasheet HTML 4Page - Texas Instruments THS4500ID Datasheet HTML 5Page - Texas Instruments THS4500ID Datasheet HTML 6Page - Texas Instruments THS4500ID Datasheet HTML 7Page - Texas Instruments THS4500ID Datasheet HTML 8Page - Texas Instruments THS4500ID Datasheet HTML 9Page - Texas Instruments THS4500ID Datasheet HTML 10Page - Texas Instruments THS4500ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
7
TYPICAL CHARACTERISTICS
Table of Graphs (
±5 V)
FIGURE
Small signal unity gain frequency response
1
Small signal frequency response
2
0.1 dB gain flatness frequency response
3
Large signal frequency response
4
Harmonic distortion (single-ended input to differential output) vs Frequency
5, 7, 13, 15
Harmonic distortion (differential input to differential output) vs Frequency
6, 8, 14, 16
Harmonic distortion (single-ended input to differential output) vs Output voltage swing
9, 11, 17, 19
Harmonic distortion (differential input to differential output) vs Output voltage swing
10, 12, 18, 20
Harmonic distortion (single-ended input to differential output) vs Load resistance
21
Harmonic distortion (differential input to differential output) vs Load resistance
22
Third order intermodulation distortion (single-ended input to differential output) vs Frequency
23
Third order output intercept point vs Frequency
24
Slew rate vs Differential output voltage step
25
Settling time
26, 27
Large signal transient response
28
Small signal transient response
29
Overdrive recovery
30, 31
Voltage and current noise vs Frequency
32
Rejection ratios vs Frequency
33
Rejection ratios vs Case temperature
34
Output balance error vs Frequency
35
Open-loop gain and phase vs Frequency
36
Open-loop gain vs Case temperature
37
Input bias offset current vs Case temperature
38
Quiescent current vs Supply voltage
39
Input offset voltage vs Case temperature
40
Common-mode rejection ratio vs Input common-mode range
41
Output drive vs Case temperature
42
Harmonic distortion (single-ended and differential input to differential output) vs Output common-mode voltage
43
Small signal frequency response at VOCM
44
Output offset voltage at VOCM vs Output common-mode voltage
45
Quiescent current vs Power-down voltage
46
Turnon and turnoff delay times
47
Single-ended output impedance in power down vs Frequency
48
Power-down quiescent current vs Case temperature
49
Power-down quiescent current vs Supply voltage
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com