Electronic Components Datasheet Search
  English  ▼

X  

TIL197B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIL197B
Description  HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TIL197B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIL197B Datasheet HTML 1Page - List of Unclassifed Manufacturers TIL197B Datasheet HTML 2Page - List of Unclassifed Manufacturers TIL197B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
0.26
20.32
19.32
3.35
4.0
3.0
0.5
7.62
13°
Max
7.0
6.0
2.54
1.2
0.5
3.0
1.2
3.0
4.0
3.0
3.35
7.0
6.0
0.5
0.5
7.62
1
2
4
3
0.26
13°
Max
2.54
10.16
0.26
OPTION G
7.62
3.0
10.16
9.16
3.35
7.0
6.0
7.62
1.2
13°
Max
0.5
0.26
2.54
1
2
3
7
8
15
10
9
HIGH DENSITY MOUNTING
PHOTODARLINGTON OPTICALLY
COUPLED ISOLATORS
DESCRIPTION
The TIL197, TIL198, TIL199 series of
optically coupled isolators consist of infrared
light emitting diodes and NPN silicon photo
darlingtons in space efficient dual in line plastic
packages. The standard parts TIL197, TIL198,
TIL199 are tested for a CTR of 500% minimum.
Parts with the suffix A or B are tested for a CTR
of 1000 and 1500% minimum respectively.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Current Transfer Ratio (500%min)
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Computer terminals
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
OPTION SM
SURFACE MOUNT
Dimensions in mm
5.08
4.08
1
2
3
4
8
4.0
3.0
0.5
16
4
13
6
11
5
12
14
6
5
7
TIL197,TIL198, TIL199
TIL197A, TIL198A, TIL199A
TIL197B, TIL198B, TIL199B
TIL197
TIL197A
TIL197B
TIL198
TIL198A
TIL198B
TIL199
TIL199A
TIL199B
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
VDE 0884 approval pending
l
Certified to EN60950 by the following
Test Bodies :-
Nemko - Certificate No. P96102022
Fimko - Registration No. 192313-01..25
Semko - Reference No. 9639052 01
Demko - Reference No. 305969
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com
10.46
9.86
0.6
0.1
1.25
0.75
DB92416m-AAS/A2


Similar Part No. - TIL197B

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
TIL197B ISOCOM-TIL197B Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TIL197B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP521GB ETC-TLP521GB Datasheet
74Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP815X ISOCOM-ISP815X Datasheet
69Kb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
PS2502-1X ISOCOM-PS2502-1X Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
TIL197 ISOCOM-TIL197 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
TLP521GB ISOCOM-TLP521GB Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817 ISOCOM-ISP817_11 Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP815XSM ISOCOM-ISP815XSM Datasheet
87Kb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
ISP817BXSMT-R ISOCOM-ISP817BXSMT-R Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com