Electronic Components Datasheet Search
  English  ▼

X  

TPS40050 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40050
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40050 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40050 Datasheet HTML 17Page - Texas Instruments TPS40050 Datasheet HTML 18Page - Texas Instruments TPS40050 Datasheet HTML 19Page - Texas Instruments TPS40050 Datasheet HTML 20Page - Texas Instruments TPS40050 Datasheet HTML 21Page - Texas Instruments TPS40050 Datasheet HTML 22Page - Texas Instruments TPS40050 Datasheet HTML 23Page - Texas Instruments TPS40050 Datasheet HTML 24Page - Texas Instruments TPS40050 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TPS40050
TPS40051
TPS40053
SLUS540F − DECEMBER 2002 − REVISED JUNE 2004
www.ti.com
21
APPLICATION INFORMATION
TPS4005X POWER DISSIPATION
The power dissipation in the TPS4005x is largely dependent on the MOSFET driver currents and the input
voltage. The driver current is proportional to the total gate charge, Qg, of the external MOSFETs. Driver power
(neglecting external gate resistance, refer to [2] can be calculated from equation (40).
P
D + Qg
V
DR
f
SW
(Watts driver)
And the total power dissipation in the TPS4005x, assuming the same MOSFET is selected for both the high-side
and synchronous rectifier is described in equation (41).
P
T +
2
P
D
V
DR
) I
Q
V
IN
(Watts)
or
P
T + 2
Qg
f
SW ) IQ
V
IN
(Watts)
where:
D IQ is the quiescent operating current (neglecting drivers)
The maximum power capability of the device’s PowerPad package is dependent on the layout as well as air
flow. The thermal impedance from junction to air, assuming 2 oz. copper trace and thermal pad with solder and
no air flow.
q
JA + 36.515
O
C W
The maximum allowable package power dissipation is related to ambient temperature by equation (44).
P
T +
T
J * TA
q
JA
(Watts)
Substituting equation (37) into equation (35) and solving for fSW yields the maximum operating frequency for
the TPS4005x. The result is described in equation (45).
f
SW +
T
J*TA
q
JA
V
DD
* I
Q
2
Qg
(Hz)
(40)
(41)
(42)
(43)
(44)
(45)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com