Electronic Components Datasheet Search
  English  ▼

X  

TPS62020 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62020
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62020 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62020 Datasheet HTML 9Page - Texas Instruments TPS62020 Datasheet HTML 10Page - Texas Instruments TPS62020 Datasheet HTML 11Page - Texas Instruments TPS62020 Datasheet HTML 12Page - Texas Instruments TPS62020 Datasheet HTML 13Page - Texas Instruments TPS62020 Datasheet HTML 14Page - Texas Instruments TPS62020 Datasheet HTML 15Page - Texas Instruments TPS62020 Datasheet HTML 16Page - Texas Instruments TPS62020 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.ti.com
Inductor Selection
DIL + VO
1–
V
O
V
I
L
ƒ
(6)
I
L
max + IO max )
DIL
2
(7)
Output Capacitor Selection
I
RMSCout +
V
O
1–
V
O
V
I
L
ƒ
1
2
3
(8)
TPS62020, TPS62021
SLVS076B – JUNE 2003 – REVISED APRIL 2004
APPLICATION INFORMATION (continued)
The TPS62020 uses typically a 10-µH output inductor. Larger or smaller inductor values can be used to optimize
the performance of the device for specific operation conditions. When changing inductor values, the product of
the inductor value times output-capacitor value (L
×C) should stay constant. For example, when reducing the
inductor value, increase the output capacitor accordingly. See the application circuits in Figure 17, Figure 18, and
Figure 19. The selected inductor has to be rated for its dc resistance and saturation current. The dc resistance of
the inductance directly influences the efficiency of the converter. Therefore an inductor with the lowest dc
resistance should be selected for highest efficiency. Formula Equation 7 calculates the maximum inductor current
under static load conditions. The saturation current of the inductor should be rated higher than the maximum
inductor current as calculated with formula Equation 7. This is needed because during heavy load transient the
inductor current rises above the value calculated under Equation 7.
with:
• 7 = Switching frequency (1.25 MHz typical)
• L = Inductor value
• ∆I
L= Peak-to-peak inductor ripple current
• I
Lmax = Maximum inductor current
The highest inductor current occurs at maximum VI.
Open core inductors have a soft saturation characteristic and they can usually handle higher inductor currents
versus a comparable shielded inductor. A more conservative approach is to select the inductor current rating just
for the maximum switch current of 1.3 A for the TPS62020. Keep in mind that the core material from inductor to
inductor differs and has an impact on the efficiency, especially at high switching frequencies. Refer to Table 1
and the typical applications and inductors selection.
Table 1. Inductor Selection
INDUCTOR VALUE
DIMENSIONS
COMPONENT SUPPLIER
10 µH
6,6 mm
× 4,75 mm × 2,92 mm
Coilcraft DO1608C-103
10 µH
5,0 mm
× 5,0 mm × 3,0 mm
Sumida CDRH4D28-100
3.3 µH
5,0 mm
× 5,0 mm × 2,4 mm
Sumida CDRH4D22 3R3
6.8 µH
5,8 mm
× 7,4 mm × 1,5 mm
Sumida CMD5D13 6R8
The advanced fast response voltage mode control scheme of the TPS62020 allows the use of small ceramic
capacitors with a typical value of 10 µF and 22 µF without having large output voltage under and overshoots
during heavy load transients. Ceramic capacitors having low ESR values have the lowest output voltage ripple
and are recommended. If required, tantalum capacitors may be used as well. Refer to Table 2 for component
selection. If ceramic output capacitors are used, the capacitor RMS ripple current rating always meets the
application requirements. Just for completeness the RMS ripple current is calculated as:
At nominal load current the device operates in PWM mode and the overall output voltage ripple is the sum of the
voltage spike caused by the output capacitor ESR plus the voltage ripple caused by charging and discharging the
output capacitor:
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com