Electronic Components Datasheet Search
  English  ▼

X  

708M12 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 708M12
Description  Managed Industrial Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

708M12 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  708M12 Datasheet HTML 1Page - Red Lion Controls. Inc 708M12 Datasheet HTML 2Page - Red Lion Controls. Inc 708M12 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
708M12 Industrial Ethernet Switch Specifications
THE INDUSTRIAL NETWORK COMPANY
708M12 Specifications
Switch Properties
Number of MAC Addresses:
8000
Aging Time:
Programmable
Latency Typical:
2.9 μs
Switching Method:
Store-and-Forward
Case Dimensions
Height:
6.7"
(16.9cm)
Width:
6.7"
(16.9cm)
Depth (incl. DIN rail mount):
1.8"
(4.6cm)
Weight (max):
3.4 lbs (1.6kg)
DIN-Rail Mount:
35mm (with optional clips)
Environmental
Operating Temperature:
-40oC to 80oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
5% to 100% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Electrical
Redundant Input Voltage:
10-30 VDC
Input Current (max):
250mA max @ 24 VDC
BTU/hr:
20.5 @ 24 VDC
N-TRON Power Supply:
NTPS-24-1.3 (1.3A@ 24VDC)
Shock and Vibration (bulkhead mounted)
Shock:
200g @ 10ms
Vibration/Seismic:
50g, 5-200Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Network Media
10BaseT:
>Cat3 Cable
100BaseTX:
>Cat5 Cable
Connectors
10/100BaseTX:
Eight (8) M12 D-Coded
4 Pin Female Ports
RS-232 Com
One (1) M12 A-Coded
5 Pin Female Port
NTCD-M12
One (1) M12 A-Coded
5 Pin Female Port
Recommended Wiring Clearance
Front:
~4" (10.16cm)
Regulatory Approvals:
FCC/CE (CFR 47, Part 15, Subpart B, Class A)
EN 55011, ICES-003- Class A
EN61000-4-2/3/4/5/6/8/11, EN61000-6-2/4
UL /cUL: Class I, Div 2, Groups A, B, C, D and T4A
ANSI/ISA 12.12.01-2007
ABS Type Approval for Shipboard Applications
DNV Type Approval Certification
GOST-R Certified, RoHS Compliant
EN50155 for Railway Applications
Designed to comply with:
IEEE 1613 for Electric Utility Substations
NEMA TS1/TS2 for Traffic Control
® 2012 N-TRON, Corporation. N-Tron and the N-Tron logo are trademarks of N-TRON, Corporation. Product names mentioned herein are for identification purposes only and may be trademarks
and/or registered trademarks of their respective company. The responsibility for the use and application of N-Tron products rests with the end user. N-Tron makes no warranties as to the fitness or
suitability of any N-Tron product for any specific application. N-Tron Corporation shall not be liable for any damage resulting from the installation, use, or misuse of this product. Specifications subject
to change without notice. REV 2012.11.13
N-TRON USA & Corporate Headquarters
3101 International Blvd. Building 6
Mobile, AL 36606 • USA
Phone +1-251-342-2164
Fax +1-251-342-6353
www.n-tron.com
708M12 Industrial Ethernet Switch
Ordering Information
708M12
IP67-rated Ethernet Switch with eight 10/100BaseTX Ports with M12 D-Coded connectors, 10-30 VDC
700-NTCD-M12
Conguration device for saving and restoring conguration parameters
NTPS-24-1.3
DIN-Rail Power Supply 24V @ 1.3Amp recommended for 708M12
M12DRC-ISO
DIN-Rail kit, two isolated plastic clips
M12DRC-MTL
DIN-Rail kit, two metal clips
Cat5E STP Cables with M12 connectors
CAT5E-M12-M12-X
Straight M12 to Str. M12, Shielded
CAT5E-M12-RJ45-X
Straight M12 to RJ-45, Shielded
CAT5E-M12-X
Straight M12 to bare end, Shielded
CAT5E-RM12-M12-X
90º M12 to Str. M12, Shielded
CAT5E-RM12-RM12-X
90º M12 to 90º M12, Shielded
CAT5E-RM12-RJ45-X
90º M12 to RJ-45, Shielded
CAT5E-RM12-X
90º M12 to bare end, Shielded
PWR-M12-A-X
Power Cable, M12 A-Coded Straight Female to bare end, Shielded
PWR-RM12-A-X
Power Cable, M12A-Coded 90º Female to bare end, Shielded
SERIAL-DB9-M12
Serial cable, DB-9 to M12 5 ft, shielded
SERIAL-DB9-RM12
Serial cable, DB-9 to 90o M12, 5 ft, shielded
Where:
X = length of cable, ll in desired amount in feet.
Example: CAT5E-RM12-10 (for a 10 ft cable)
THE INDUSTRIAL NETWORK COMPANY
® 2012 N-TRON, Corp. N-TRON and the N-TRON logo are trademarks of N-TRON, Corp. Specifications subject to change without notice. Printed in USA.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com