Electronic Components Datasheet Search
  English  ▼

X  

302MC Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 302MC
Description  Industrial Media Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

302MC Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  302MC Datasheet HTML 1Page - Red Lion Controls. Inc 302MC Datasheet HTML 2Page - Red Lion Controls. Inc 302MC Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
302MC-N Specifications
www.n-tron.com
BENEFITS
Industrial Media Converter
• Compact Size, Smaller Footprint
• Converts 10/100BaseTX to 100BaseFX
• High Reliability/Availability
• Extended Environmental Specications
• Ruggedized DIN-Rail Enclosure
• High Performance
• High MTBF >2M Hours (measured)
Ease of Use
• Plug & Play Operation
• RJ-45 Auto Sensing 10/100BaseTX Port
• RJ-45 Port Auto Senses Duplex, Speed, and Cable Type
• Compact DIN-Rail Package
Increased Performance
• Full Wire Speed Capable
• 100BaseFX Fiber Uplink
• Full Duplex Capable
• Eliminates Network Collisions
• Increases Network Determinism
• N-View Port Viewing Option
Regulatory Approvals
FCC Part 15 Class A
UL Listed 1604 (US and Canada)
CLASS I, DIV 2, GROUPS A,B,C,D,T4A
CE EN61000-6-2,4, EN55011, EN61000-4-2,3,4,5,6
ABS Type Approval for Shipboard Applications
IEEE 1613 for Electric Utility Substations
GOST-R Certied
RoHS Compliant
SPECIFICATIONS
Case Dimensions
Height:
3.0"
(7.7 cm)
Width:
2.1"
(5.4 cm)
Depth:
3.2"
(8.2 cm)
Weight:
0.75 lbs (0.3 kg)
Electrical
Input Voltage:
10-30 VDC
Input Current:
250 mA@24V
BTU/hr:
20.5@24 VDC
Inrush:
9.5Amp/0.9ms@24V
Environmental
Operating Temperature:
-20oC to 70oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
10% to 95% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounting)
Shock:
200g @ 10ms
Vibration/Seismic:
50g, 5-200Hz, Triaxial
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
100BaseFX:
Multimode
50-62.5/125μm
Singlemode
7-10/125μm
Connectors
10/100BaseTX:
One (1) RJ-45 TX Port
100BaseFX:
One (1) ST or SC Duplex Port
Recommended Wiring Clearance
Front:
4" (10.16 cm)
Top:
1" (2.54 cm)
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max -31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
302MC
www.n-tron.com
BENEFITS
Industrial Media Converter
• Compact Size, Smaller Footprint
• Converts 10/100BaseTX to 100BaseFX
• High Reliability/Availability
• Extended Environmental Specications
• Ruggedized DIN-Rail Enclosure
• High Performance
• High MTBF >2M Hours (measured)
Ease of Use
• Plug & Play Operation
• RJ-45 Auto Sensing 10/100BaseTX Port
• RJ-45 Port Auto Senses Duplex, Speed, and Cable Type
• Compact DIN-Rail Package
Increased Performance
• Full Wire Speed Capable
• 100BaseFX Fiber Uplink
• Full Duplex Capable
• Eliminates Network Collisions
• Increases Network Determinism
• N-View Port Viewing Option
Regulatory Approvals
FCC Part 15 Class A
UL Listed 1604 (US and Canada)
CLASS I, DIV 2, GROUPS A,B,C,D,T4A
CE EN61000-6-2,4, EN55011, EN61000-4-2,3,4,5,6
ABS Type Approval for Shipboard Applications
IEEE 1613 for Electric Utility Substations
GOST-R Certied
RoHS Compliant
SPECIFICATIONS
Case Dimensions
Height:
3.0"
(7.7 cm)
Width:
2.1"
(5.4 cm)
Depth:
3.2"
(8.2 cm)
Weight:
0.75 lbs (0.3 kg)
Electrical
Input Voltage:
10-30 VDC
Input Current:
250 mA@24V
BTU/hr:
20.5@24 VDC
Inrush:
9.5Amp/0.9ms@24V
Environmental
Operating Temperature:
-20oC to 70oC
Storage Temperature:
-40oC to 85oC
Operating Humidity:
10% to 95% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounting)
Shock:
200g @ 10ms
Vibration/Seismic:
50g, 5-200Hz, Triaxial
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
100BaseFX:
Multimode
50-62.5/125μm
Singlemode
7-10/125μm
Connectors
10/100BaseTX:
One (1) RJ-45 TX Port
100BaseFX:
One (1) ST or SC Duplex Port
Recommended Wiring Clearance
Front:
4" (10.16 cm)
Top:
1" (2.54 cm)
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max -31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
302MC
N-TRON USA • Corporate Headquarters
N-TRON Asia
N-TRON Europe
820 S. University Blvd • Suite 4E
Suite #: 2267, 22/F • One Lujiazui
Zug • Switzerland
Mobile, AL 36609 • USA
68 Yin Cheng Road Center
TEL +41 41.740.6636
TEL 251.342.2164
Pudong New Area
FAX +41 41.740.6637
FAX 251.342.6353
200120 Shanghai, PR • China
TEL +86 (0) 21-6113-3688
Runcorn, Cheshire • UK
Fax +86 (0) 21-6113-3683
TEL +44 (0) 1928.577257
CELL +44 (0) 7951.888621
302MC
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
302MC-XX.............................................................. 10/100BaseTX to 100BaseFX Media Converter; multimode
302MC-N-XX .......................................................... 10/100BaseTX to 100BaseFX Media Converter with N-View Firmware Option
302MCE-XX-YY...................................................... 10/100BaseTX to 100BaseFX Media Converter; singlemode
302MCE-N-XX-YY.................................................. 10/100BaseTX to 100BaseFX Media Converter with N-View Firmware Option; singlemode
Where:
N = N-View Firmware Option
E = Singlemode
XX = ST for ST style ber connector, SC for SC style ber connector
YY = Segment length:
15 for 15km max. ber segment length
40 for 40km max. ber segment length
80 for 80km max. ber segment length
® 2011 N-TRON, Corporation. N-Tron and the N-Tronlogo are trademarks of N-TRON, Corporation. Product names mentioned herein are for identication purposes only and may be
trademarks and/or registered trademarks of their respective company. Specications subject to change without notice. The responsibility for the use and application of N-Tron products
rests with the end user. N-Tron makes no warranties as to the tness or suitability of any N-Tron product for any specic application. N-Tron Corporation shall not be liable for any damage
resulting from the installation, use, or misuse of this product. REV 2011.03.14
please visit us worldwide at www.n-tron.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com